Electronic Components Datasheet Search
  English  ▼

X  

FHS130 Datasheet(PDF) 2 Page - First Components International

Part # FHS130
Description  25mA 30V FH130 Hall Effect Latch S ensor On-chip Hall Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FHS130 Datasheet(HTML) 2 Page - First Components International

  FHS130 Datasheet HTML 1Page - First Components International FHS130 Datasheet HTML 2Page - First Components International FHS130 Datasheet HTML 3Page - First Components International FHS130 Datasheet HTML 4Page - First Components International FHS130 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Reverse Protection Voltage
Vr
--------------------------
26V
Output ON Current (continuous)
Ic
--------------------------
25mA
Operating Temperature Range
Ta
--------------------------
(-40˚C to +125˚C)
Storage Temperature Range
Ts
--------------------------
(-65˚C to +150˚C)
Package Power Dissipation
Pd
--------------------------
500mw
Electrical Characteristics:
(T=+25˚C, Vcc=2.4V to 26V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
─
2.4
─
26
V
Output Saturation
Voltage
Vout
(sat)
Vcc=12V,Ic=10mA
B > Bop
─
0.2
0.6
V
Output Leakage
Current
Ileakage Vcc=12V, B<Brp
─
<0.1
10
uA
Supply Current
Isupply Vcc=12V,Output
Open
─
4.0
8
mA
Output Rise Time
Tr
Vcc=12V,RL=2K
Ω
CL=20Pf
─
1.0
10
μs
Output Falling Time
Tf
Vcc=12V,RL=2K
Ω
CL=20Pf
─
0.3
1.5
μs
Function Block:
25mA 30V FH130 Hall Effect Latch Sensor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com