Electronic Components Datasheet Search
  English  ▼

X  

FHS130 Datasheet(PDF) 1 Page - First Components International

Part # FHS130
Description  25mA 30V FH130 Hall Effect Latch S ensor On-chip Hall Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FHS130 Datasheet(HTML) 1 Page - First Components International

  FHS130 Datasheet HTML 1Page - First Components International FHS130 Datasheet HTML 2Page - First Components International FHS130 Datasheet HTML 3Page - First Components International FHS130 Datasheet HTML 4Page - First Components International FHS130 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Hall Effect Switch IC
Features:
Operates from 2.4V to 26V supply voltage with reverse voltage protection
Operates with magnetic fields from DC to 15kHz
On-chip Hall Sensor
On-chip temperature compensation circuitry minimizes shifts in on and off points
and hysteresis over temperature and supply voltage
Ideal sensor for speed measurement, revolution counting, positioning, and DC
brushless motors
On(L) with magnetic South pole and Off (H) with North pole
Functional Description :
FH130 is designed to integrate Hall sensor with output driver together on the same
chip, it is suitable for speed measurement, revolution counting, positioning, and DC
brushless motors. It includes a temperature compensated voltage regulator, a
differential amplifier, a Hysteresis controller and a open-collector output driver
capable of sinking up to 20mA current load. An on-chip protection resistor is
implemented to prevent reverse power fault.
The temperature-dependent bias increases the supply voltage of the hall plates and
adjusts the switching points to the decreasing induction of magnets at higher
temperatures. Subsequently, the open collector output switches to the appropriate state.
WSH130 are rated for operation over temperature range from –40˚ C to 125 ˚C and
voltage ranges from 2.4V to 26V.
Pin Descriptions:
Name
P/I/O
Pin#
Description
Vdd
P
1
Positive Power Supply
Gnd
O
2
Ground
Vout
O
3
Output Pin
Absolute Maximum Rating (at Ta=25˚ C)
Supply Voltage
Vcc --------------------------
26V
Output breakdown Voltage
Vout(breakdown) ----------------
30V
Magnetic flux density
B
--------------------------
Unlimited
25mA 30V FH130 Hall Effect Latch Sensor


Similar Part No. - FHS130

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FHS1350F FARADAY-FHS1350F Datasheet
92Kb / 2P
PRE A-D ANTI-ALIASING FILTER
FHS1350S FARADAY-FHS1350S Datasheet
92Kb / 2P
POST D-A RECONSTRUCTION FILTER
More results

Similar Description - FHS130

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1751 DIODES-AH1751 Datasheet
122Kb / 6P
HALL EFFECT LATCH
AH1751 Rev. 1 - 2
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
HALL EFFECT LATCH
AH1751 Rev. 4
logo
Hi-Sincerity Mocroelect...
H277 HSMC-H277 Datasheet
278Kb / 7P
On-chip Hall sensor
logo
First Components Intern...
FH175 FCI-FH175 Datasheet
298Kb / 6P
25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
logo
Texas Instruments
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
DRV5013 Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
Automotive Digital-Latch Hall Effect Sensor
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
Hall Effect Latch
logo
Texas Instruments
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com