Electronic Components Datasheet Search
  English  ▼

X  

2N7002F Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 2N7002F
Description  N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002F Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 2N7002F Datasheet HTML 4Page - NXP Semiconductors 2N7002F Datasheet HTML 5Page - NXP Semiconductors 2N7002F Datasheet HTML 6Page - NXP Semiconductors 2N7002F Datasheet HTML 7Page - NXP Semiconductors 2N7002F Datasheet HTML 8Page - NXP Semiconductors 2N7002F Datasheet HTML 9Page - NXP Semiconductors 2N7002F Datasheet HTML 10Page - NXP Semiconductors 2N7002F Datasheet HTML 11Page - NXP Semiconductors 2N7002F Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2N7002F_3
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 28 April 2006
8 of 12
Philips Semiconductors
2N7002F
N-channel TrenchMOS FET
Tj =25 °C and 150 °C; VGS =0V
VGS = 0 V; f = 1 MHz
Fig 13. Source current as a function of source-drain
voltage; typical values
Fig 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
03ai17
0
0.2
0.4
0.6
0.8
1
0.2
0.4
0.6
0.8
1
VSD (V)
IS
(A)
Tj = 25 °C
150
°C
03ai18
1
10
10
2
10
-1
1
10
10
2
VDS (V)
C
(pF)
Ciss
Crss
Coss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com