Electronic Components Datasheet Search
  English  ▼

X  

25C160 Datasheet(PDF) 12 Page - Microchip Technology

Part # 25C160
Description  16K SPI Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C160 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 25C160 Datasheet HTML 8Page - Microchip Technology 25C160 Datasheet HTML 9Page - Microchip Technology 25C160 Datasheet HTML 10Page - Microchip Technology 25C160 Datasheet HTML 11Page - Microchip Technology 25C160 Datasheet HTML 12Page - Microchip Technology 25C160 Datasheet HTML 13Page - Microchip Technology 25C160 Datasheet HTML 14Page - Microchip Technology 25C160 Datasheet HTML 15Page - Microchip Technology 25C160 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
25AA160/25LC160/25C160
DS21231E-page 12
 1997-2012 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
25LC160
I/PNNN
YYWW
25C160
I/SNYYWW
NNN
Legend:
XX...X
Customer specific information*
YYear code (last digit of calendar year)
YYYear code (last 2 digits of calendar year)
WWWeek code (week of January 1 is week ‘01’)
NNNAlphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line thus limiting the number of available
characters for customer specific information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com