Electronic Components Datasheet Search
  English  ▼

X  

DTC646 Datasheet(PDF) 1 Page - Microchip Technology

Part # DTC646
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DTC646 Datasheet(HTML) 1 Page - Microchip Technology

  DTC646 Datasheet HTML 1Page - Microchip Technology DTC646 Datasheet HTML 2Page - Microchip Technology DTC646 Datasheet HTML 3Page - Microchip Technology DTC646 Datasheet HTML 4Page - Microchip Technology DTC646 Datasheet HTML 5Page - Microchip Technology DTC646 Datasheet HTML 6Page - Microchip Technology DTC646 Datasheet HTML 7Page - Microchip Technology DTC646 Datasheet HTML 8Page - Microchip Technology DTC646 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2002-2012 Microchip Technology Inc.
DS21446D-page 1
DTC646
Features
• Temperature Proportional Fan Speed for Acoustic
Control and Longer Fan Life
• Efficient PWM Fan Drive
• 3.0V to 5.5V Supply Range:
- Fan Voltage Independent of TC646
Supply Voltage
- Supports any Fan Voltage
• FanSense™ Fault Detection Circuits Protect
Against Fan Failure and Aid System Testing
• Shutdown Mode for "Green" Systems
• Supports Low Cost NTC/PTC Thermistors
• Space Saving 8-Pin MSOP Package
• Over-temperature Indication
Applications
• Power Supplies
• Computers
•File Servers
• Portable Computers
• Telecom Equipment
• UPS, Power Amps
• General Purpose Fan Speed Control
Available Tools
• Fan Controller Demonstration Board (TC642DEMO)
• Fan Controller Evaluation Kit (TC642EV)
Package Types
General Description
The TC646 is a switch mode, fan speed controller for
use with brushless DC fans. Temperature proportional
speed control is accomplished using pulse width mod-
ulation (PWM). A thermistor (or other voltage output
temperature sensor) connected to the VIN input fur-
nishes the required control voltage of 1.25V to 2.65V
(typical) for 0% to 100% PWM duty cycle. The TC646
automatically suspends fan operation when measured
temperature (VIN) is below a user programmed
minimum setting (VAS). An integrated Start-up Timer
ensures reliable motor start-up at turn-on, coming out
of shutdown mode, auto-shutdown mode or following a
transient fault.
The TC646 features Microchip Technology's proprie-
tary FanSense™ technology for increasing system reli-
ability. In normal fan operation, a pulse train is present
at SENSE (Pin 5). A missing-pulse detector monitors
this pin during fan operation. A stalled, open, or uncon-
nected fan causes the TC646 to trigger its Start-up
Timer once. If the fault persists, the FAULT output goes
low and the device is latched in its shutdown mode.
FAULT is also asserted if the PWM reaches 100% duty
cycle, indicating a possible thermal runaway situation,
although the fan continues to run. See Section 5.0,
“Typical Applications”, for more information and system
design guidelines.
The TC646 is available in the 8-pin plastic DIP, SOIC
and MSOP packages and is available in the industrial
and extended commercial temperature ranges.
18
27
36
45
TC646
GND
CF
VIN
VAS
FAULT
SENSE
VDD
VOUT
SOIC/PDIP/MSOP
PWM Fan Speed Controller with Auto-Shutdown
and FanSenseTechnology


Similar Part No. - DTC646

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC643TK ROHM-DTC643TK Datasheet
83Kb / 3P
Digital transistors (built-in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
Digital transistors (built-in resistor)
More results

Similar Description - DTC646

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
2002
TC646 MICROCHIP-TC646 Datasheet
473Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC647 MICROCHIP-TC647 Datasheet
478Kb / 28P
PWM Fan Speed Controller with FanSense Technology
2002
TC649 MICROCHIP-TC649 Datasheet
478Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC649 MICROCHIP-TC649_13 Datasheet
391Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642COA713 MICROCHIP-TC642COA713 Datasheet
503Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
08/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com