Electronic Components Datasheet Search
  English  ▼

X  

AD9943 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9943
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9943 Datasheet HTML 2Page - Analog Devices AD9943 Datasheet HTML 3Page - Analog Devices AD9943 Datasheet HTML 4Page - Analog Devices AD9943 Datasheet HTML 5Page - Analog Devices AD9943 Datasheet HTML 6Page - Analog Devices AD9943 Datasheet HTML 7Page - Analog Devices AD9943 Datasheet HTML 8Page - Analog Devices AD9943 Datasheet HTML 9Page - Analog Devices AD9943 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD9943/AD9944
Rev. B | Page 6 of 20
TIMING SPECIFICATIONS
CL = 20 pF, fSAMP = 25 MHz. See CCD-mode timing in Figure 14 and Figure 15, and serial timing in Figure 10 and Figure 11.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
SAMPLE CLOCKS
DATACLK, SHP, SHD Clock Period
tCONV
40
ns
DATACLK High/Low Pulse Width
tADC
16
20
ns
SHP Pulse Width
tSHP
10
ns
SHD Pulse Width
tSHD
10
ns
CLPOB Pulse Width1
tCOB
2
20
Pixels
SHP Rising Edge to SHD Falling Edge
tS1
10
ns
SHP Rising Edge to SHD Rising Edge
tS2
16
20
ns
Internal Clock Delay
tID
3.0
ns
DATA OUTPUTS
Output Delay
tOD
9.5
ns
Pipeline Delay
9
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
1 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com