Electronic Components Datasheet Search
  English  ▼

X  

AD9943 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9943
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9943 Datasheet HTML 12Page - Analog Devices AD9943 Datasheet HTML 13Page - Analog Devices AD9943 Datasheet HTML 14Page - Analog Devices AD9943 Datasheet HTML 15Page - Analog Devices AD9943 Datasheet HTML 16Page - Analog Devices AD9943 Datasheet HTML 17Page - Analog Devices AD9943 Datasheet HTML 18Page - Analog Devices AD9943 Datasheet HTML 19Page - Analog Devices AD9943 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD9943/AD9944
Rev. B | Page 18 of 20
APPLICATIONS INFORMATION
The AD9943/AD9944 are complete analog front end (AFE)
products for digital still camera and camcorder applications. As
shown in Figure 12, the CCD image (pixel) data is buffered and
sent to the AD9943/AD9944 analog input through a series input
capacitor. The AD9943/AD9944 perform the dc restoration,
CDS, gain adjustment, black level correction, and analog-to-
digital conversion. The AD9943/AD9944’s digital output data is
then processed by the image processing ASIC. The internal
registers of the AD9943/AD9944—used to control gain, offset
level, and other functions—are programmed by the ASIC or
microprocessor through a 3-wire serial digital interface. A
system timing generator provides the clock signals for both the
CCD and the AFE.
CCD
CCDIN
BUFFER
VOUT
AD9943/AD9944
ADCOUT
REGISTER
DATA
SERIAL
INTERFACE
DIGITAL
OUTPUTS
DIGITAL IMAGE
PROCESSING
ASIC
TIMING
GENERATOR
V-DRIVE
CCD
TIMING
CDS/CLAMP
TIMING
0.1
µF
Figure 16. System Applications Diagram
24
REFB
23
REFT
22
CCDIN
21
AVSS
D0
1
D1
2
D2
3
20
AVDD
19
SHD
18
SHP
17
CLPOB
D3
4
D4
5
D5
6
D6
7
D7
8
DATA
OUTPUTS
10
910
3V
DRIVER
SUPPLY
3V
ANALOG
SUPPLY
3V
ANALOG
SUPPLY
12 13 14 15 16
5
CLOCK
INPUTS
3
SERIAL
INTERFACE
CCDIN
AD9943
(Not to Scale)
TOP VIEW
1.0
µF
1.0
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
NC = NO CONNECT
PIN 1
IDENTIFIER
32 31 30 29 28 27 26 25
11
Figure 17. AD9943 Recommended Circuit Configuration for CCD Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com