Electronic Components Datasheet Search
  English  ▼

X  

MCP3021 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3021
Description  Low Power 10-Bit A/D Converter With I2C??Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3021 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3021_13 Datasheet HTML 5Page - Microchip Technology MCP3021_13 Datasheet HTML 6Page - Microchip Technology MCP3021_13 Datasheet HTML 7Page - Microchip Technology MCP3021_13 Datasheet HTML 8Page - Microchip Technology MCP3021_13 Datasheet HTML 9Page - Microchip Technology MCP3021_13 Datasheet HTML 10Page - Microchip Technology MCP3021_13 Datasheet HTML 11Page - Microchip Technology MCP3021_13 Datasheet HTML 12Page - Microchip Technology MCP3021_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2003-2013 Microchip Technology Inc.
DS21805B-page 9
MCP3021
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I
2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion
Mode (fSAMP = 22.3 ksps), TA = +25°C.
FIGURE 2-25:
ENOB vs. VDD.
FIGURE 2-26:
SFDR vs. Input Frequency.
FIGURE 2-27:
Spectrum Using I2C Fast
Mode (Representative Part, 1 kHz Input
Frequency).
FIGURE 2-28:
ENOB vs. Input Frequency.
FIGURE 2-29:
Spectrum Using I2C
Standard Mode (Representative Part, 1 kHz
Input Frequency).
FIGURE 2-30:
IDD (Conversion) vs. VDD.
11.5
11.55
11.6
11.65
11.7
11.75
11.8
11.85
11.9
11.95
12
2.533.544.555.5
VDD (V)
10
9.95
9.90
9.85
9.80
9.75
9.70
9.65
9.60
9.55
9.50
12
24
36
48
60
72
84
96
110
Input Frequency (kHz)
VDD = 2.7V
VDD = 5 V
84
72
60
48
36
24
12
0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
2000
4000
6000
8000
10000
Frequency (Hz)
9
9.5
10
10.5
11
11.5
12
110
Input Frequency (kHz)
VDD = 2.7V
VDD = 5V
10
9.5
9.0
8.5
8.0
7.7
7.0
-130
-110
-90
-70
-50
-30
-10
10
0
500
1000
1500
2000
2500
Frequency (Hz)
0
50
100
150
200
250
2.5
3
3.5
4
4.5
5
5.5
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com