Electronic Components Datasheet Search
  English  ▼

X  

MCP3021 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3021
Description  Low Power 10-Bit A/D Converter With I2C??Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3021 Datasheet(HTML) 2 Page - Microchip Technology

  MCP3021_13 Datasheet HTML 1Page - Microchip Technology MCP3021_13 Datasheet HTML 2Page - Microchip Technology MCP3021_13 Datasheet HTML 3Page - Microchip Technology MCP3021_13 Datasheet HTML 4Page - Microchip Technology MCP3021_13 Datasheet HTML 5Page - Microchip Technology MCP3021_13 Datasheet HTML 6Page - Microchip Technology MCP3021_13 Datasheet HTML 7Page - Microchip Technology MCP3021_13 Datasheet HTML 8Page - Microchip Technology MCP3021_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MCP3021
DS21805B-page 2
 2003-2013 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD...................................................................................7.0V
Analog input pin w.r.t. VSS.......... ............. -0.6V to VDD +0.6V
SDA and SCL pins w.r.t. VSS........... .........-0.6V to VDD +1.0V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Maximum Junction Temperature .......... .........................150°C
ESD protection on all pins (HBM) ......... ........................
 4kV
† Stresses above those listed under “Maximum ratings” may
cause permanent damage to the device. This is a stress rating
only and functional operation of the device at those or any
other conditions above those indicated in the operational list-
ings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reli-
ability.
PIN FUNCTION TABLE
Name
Function
VDD
+2.7V to 5.5V Power Supply
VSS
Ground
AIN
Analog Input
SDA
Serial Data In/Out
SCL
Serial Clock In
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5.0V, VSS = GND, RPU = 2 k
TA = -40°C to +85°C, I
2C Fast Mode Timing: f
SCL = 400 kHz (Note 3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
DC Accuracy
Resolution
10
bits
Integral Nonlinearity
INL
—
±0.25
±1
LSB
Differential Nonlinearity
DNL
—
±0.25
±1
LSB
No missing codes
Offset Error
—
±0.75
±3
LSB
Gain Error
—
-1
±3
LSB
Dynamic Performance
Total Harmonic Distortion
THD
—
-70
—
dB
VIN = 0.1V to 4.9V @ 1 kHz
Signal to Noise and Distortion
SINAD
—
60
—
dB
VIN = 0.1V to 4.9V @ 1 kHz
Spurious Free Dynamic Range
SFDR
—
74
—
dB
VIN = 0.1V to 4.9V @ 1 kHz
Analog Input
Input Voltage Range
VSS-0.3
—
VDD+0.3
V
2.7V
 V
DD  5.5V
Leakage Current
-1
—
+1
µA
SDA/SCL (open-drain output)
Data Coding Format
Straight Binary
High-level input voltage
VIH
0.7 VDD
——
V
Low-level input voltage
VIL
——
0.3 VDD
V
Low-level output voltage
VOL
——
0.4
V
IOL = 3 mA, RPU = 1.53 k
Hysteresis of Schmitt trigger inputs
VHYST
—
0.05VDD
—V
fSCL = 400 kHz only
Note 1:
Sample time is the time between conversions after the address byte has been sent to the converter. Refer
to Figure 5-6.
2:
This parameter is periodically sampled and not 100% tested.
3:
RPU = Pull-up resistor on SDA and SCL.
4:
SDA and SCL = VSS to VDD at 400 kHz.
5:
tACQ and tCONV are dependent on internal oscillator timing. See Figure 5-5 and Figure 5-6 for relation to
SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com