Electronic Components Datasheet Search
  English  ▼

X  

MCP87090 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP87090
Description  High-Speed N-Channel Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87090 Datasheet(HTML) 2 Page - Microchip Technology

  MCP87090 Datasheet HTML 1Page - Microchip Technology MCP87090 Datasheet HTML 2Page - Microchip Technology MCP87090 Datasheet HTML 3Page - Microchip Technology MCP87090 Datasheet HTML 4Page - Microchip Technology MCP87090 Datasheet HTML 5Page - Microchip Technology MCP87090 Datasheet HTML 6Page - Microchip Technology MCP87090 Datasheet HTML 7Page - Microchip Technology MCP87090 Datasheet HTML 8Page - Microchip Technology MCP87090 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MCP87090
DS22332A-page 2
 2013 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDS.......................................................................+25V
VGS........................................................... +10.0V / -8V
ID, Continuous ..............................................................
8L 5x6-PDFN ............................. 64A, TC = +25°C
8L 3.3x3.3-PDFN ....................... 48A, TC = +25°C
PD.................................................................................
8L 5x6-PDFN ........................... 2.2W, TA = +25°C
8L 3.3x3.3-PDFN ..................... 1.8W, TA = +25°C
TJ, TSTG..............................................-55°C to +150°C
EAS Avalanche Energy .................................... 84.5 mJ
ID =13A, L= 1mH, RG =25Ω
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Static Characteristics
Drain-to-Source
Breakdown Voltage
BVDSS
25
—
—
V
VGS = 0V, ID = 250 µA
Drain-to-Source Leakage Current
IDSS
——
1
µA
VGS = 0V, VDS = 20V
Gate-to-Source Leakage Current
IGSS
——
100
nA
VDS = 0V, VGS = 10V/-8V
Gate-to-Source Threshold Voltage
VGS(TH)
1.1
1.35
1.7
V
VDS = VGS, ID = 250 µA
Drain-to-Source On Resistance
RDS(ON)
—10
12
m
VGS = 4.5V, ID = 17A
—
8.5
10.5
m
VGS = 10V, ID = 17A
Transconductance
gfs
—62—
S
VDS = 12.5V, ID = 17A
Dynamic Characteristics
Input Capacitance
CISS
—580
—
pF
VGS = 0V, VDS = 12.5V, f = 1 MHz
Output Capacitance
COSS
—265
—
pF
VGS = 0V, VDS = 12.5V, f = 1 MHz
Reverse Transfer Capacitance
CRSS
—70—
pF
VGS = 0V, VDS = 12.5V, f = 1 MHz
Total Gate Charge
QG
—7.5
10
nC
VDS = 12.5V, ID = 17A, VGS = 4.5V
Gate-to-Drain Charge
QGD
—2.8
—
nC
VDS = 12.5V, ID = 17A
Gate-to-Source Charge
QGS
—1.2
—
nC
VDS = 12.5V, ID = 17A
Gate Charge at VGS(TH)
QG(TH)
—0.8
—
nC
VDS = 12.5V, ID = 17A
Output Charge
QOSS
—5
—
nC
VDS = 12.5V, VGS = 0
Turn-On Delay Time
td(on)
—2.5
—
ns
VDS = 12.5V, VGS = 4.5V,
ID = 17A, RG = 2
Rise Time
tr
—9.3
—
ns
VDS = 12.5V, VGS = 4.5V,
ID = 17A, RG = 2
Turn-Off Delay Time
td(off)
—5.3
—
ns
VDS = 12.5V, VGS = 4.5V,
ID = 17A, RG = 2
Fall Time
tf
—2.9
—
ns
VDS = 12.5V, VGS = 4.5V,
ID = 17A, RG = 2
Series Gate Resistance
RG
—1.8
—
Diode Characteristics
Diode Forward Voltage
VFD
—0.8
1
V
IS = 17A, VGS = 0V
Reverse Recovery Charge
QRR
—11
—
nC
IS = 17A, di/dt = 300 A/µs
Reverse Recovery Time
trr
—
11.5
—
nS
IS = 17A, di/dt = 300 A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com