Electronic Components Datasheet Search
  English  ▼

X  

MCP87130 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP87130
Description  High-Speed N-Channel Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87130 Datasheet(HTML) 5 Page - Microchip Technology

  MCP87130 Datasheet HTML 1Page - Microchip Technology MCP87130 Datasheet HTML 2Page - Microchip Technology MCP87130 Datasheet HTML 3Page - Microchip Technology MCP87130 Datasheet HTML 4Page - Microchip Technology MCP87130 Datasheet HTML 5Page - Microchip Technology MCP87130 Datasheet HTML 6Page - Microchip Technology MCP87130 Datasheet HTML 7Page - Microchip Technology MCP87130 Datasheet HTML 8Page - Microchip Technology MCP87130 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2013 Microchip Technology Inc.
DS25159A-page 5
MCP87130
Note:
Unless otherwise indicated, TA = +25°C.
FIGURE 2-7:
Gate-to-Source Threshold
Voltage vs. Temperature.
FIGURE 2-8:
Source-to-Drain Current vs.
Source-to-Drain Voltage.
FIGURE 2-9:
Maximum Drain Current vs.
Temperature 5x6-PDFN (MCP87090T-U/MF).
FIGURE 2-10:
Single-Pulse Unclamped
Inductive Switching.
FIGURE 2-11:
Maximum Drain Current vs.
Temperature 3.3x3.3-PDFN (MCP87090T-U/LC).
T
FIGURE 2-12:
Drain-to-Source Breakdown
Voltage vs. Temperature.
1.3
1.5
1.7
I
D = 250 μA
0.9
1.1
-75 -50 -25
0
25
50
75 100 125 150 175
T
C - Case Temperature (°C)
0.1
1
10
100
T
C = +25°C
T
C = +125°C
0.001
0.01
0.0
0.2
0.4
0.6
0.8
1.0
V
SD - Source-to-Drain Voltage (V)
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
T
C - Case Temperature (˚C)
V
GS = 4.5V
V
GS = 10V
10
T
C = +25°C
T
C = +150°C
1
0.01
0.1
1
10
t
AV - Avalanche Time (ms)
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
T
C - Case Temperature (˚C)
V
GS = 4.5V
V
GS = 10V
27
28
29
30
31
I
D = 250 μA
25
26
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
C - Case Temperature(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com