Electronic Components Datasheet Search
  English  ▼

X  

MCP87130 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP87130
Description  High-Speed N-Channel Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87130 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP87130 Datasheet HTML 10Page - Microchip Technology MCP87130 Datasheet HTML 11Page - Microchip Technology MCP87130 Datasheet HTML 12Page - Microchip Technology MCP87130 Datasheet HTML 13Page - Microchip Technology MCP87130 Datasheet HTML 14Page - Microchip Technology MCP87130 Datasheet HTML 15Page - Microchip Technology MCP87130 Datasheet HTML 16Page - Microchip Technology MCP87130 Datasheet HTML 17Page - Microchip Technology MCP87130 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
 2013 Microchip Technology Inc.
DS25159A-page 16
MCP87130
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
:
MCP87130T:
N-Channel power MOSFET
(Tape and Reel) (PDFN)
Temperature Range
: U
= -55°C to +150°C (Ultra High)
Package
:
LC = High Power Dual Flatpack, No Lead Package
(3.3x3.3x1.0 mm Body) (PDFN), 8-lead
MF = High Power Dual Flatpack, No Lead Package
(5x6x1.0 mm Body) (PDFN), 8-lead
Example:
a)
MCP87130T-U/LC:
Tape and Reel,
Ultra-High Temperature,
8LD 3.3x3.3 PDFN package
b)
MCP87130T-U/MF:
Tape and Reel,
Ultra-High Temperature,
8LD 5x6 PDFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com