Electronic Components Datasheet Search
  English  ▼

X  

TC649B Datasheet(PDF) 3 Page - Microchip Technology

Part # TC649B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649B Datasheet(HTML) 3 Page - Microchip Technology

  TC649B Datasheet HTML 1Page - Microchip Technology TC649B Datasheet HTML 2Page - Microchip Technology TC649B Datasheet HTML 3Page - Microchip Technology TC649B Datasheet HTML 4Page - Microchip Technology TC649B Datasheet HTML 5Page - Microchip Technology TC649B Datasheet HTML 6Page - Microchip Technology TC649B Datasheet HTML 7Page - Microchip Technology TC649B Datasheet HTML 8Page - Microchip Technology TC649B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21755C-page 3
TC646B/TC648B/TC649B
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage (VDD) .......................................................6.0V
Input Voltage, Any Pin................(GND - 0.3V) to (VDD +0.3V)
Operating Temperature Range ....................- 40°C to +125°C
Maximum Junction Temperature, TJ ........................... +150°C
ESD Protection on all pins ........................................... > 3 kV
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
Name
Function
VIN
Analog Input
CF
Analog Output
VAS
Analog Input
GND
Ground
SENSE/NC
Analog Input.
No Connect (NC) for TC648B
FAULT/OTF
Digital (Open-Drain) Output
OTF for TC648B
VOUT
Digital Output
VDD
Power Supply Input
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are specified for -40°C < TA < +85°C, VDD = 3.0V to 5.5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
3.0
5.5
V
Supply Current, Operating
IDD
200
400
µA
Pins 6, 7 Open,
CF = 1 µF, VIN = VC(MAX)
Supply Current, Shutdown Mode
IDD(SHDN)
30
µA
Pins 6, 7 Open,
CF = 1 µF, VIN = 0.35V
VOUT Output
Sink Current at VOUT Output
IOL
1.0
mA
VOL = 10% of VDD
Source Current at VOUT Output
IOH
5.0
mA
VOH = 80% of VDD
VIN, VAS Inputs
Input Voltage at VIN for 100% PWM
Duty Cycle
VC(MAX)
2.45
2.60
2.75
V
Over-Temperature Indication
Threshold
VOTF
VC(MAX) +
20 mV
V
For TC646B and TC648B
Over-Temperature Indication
Threshold Hysteresis
VOTF-HYS
80
mV
For TC646B and TC648B
VC(MAX) - VC(MIN)
VC(SPAN)
1.3
1.4
1.5
V
Hysteresis on Auto-Shutdown
Comparator
VHAS
—70
mV
Auto-Shutdown Threshold
VAS
VC(MAX) -
VC(SPAN)
—VC(MAX)
V
Voltage Applied to VIN to Ensure
Shutdown Mode
VSHDN
——
VDD x 0.13
V
Voltage Applied to VIN to Release
Shutdown Mode
VREL
VDD x 0.19
V
VDD = 5V
Hysteresis on VSHDN, VREL
VHYST
0.03 X
VDD
—V
VIN, VAS Input Leakage
IIN
- 1.0
+1.0
µA
Note 1
Note
1:
Ensured by design, tested during characterization.
2:
For VDD < 3.7V, tSTARTUP and tMP timers are typically 13/f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com