Electronic Components Datasheet Search
  English  ▼

X  

TC649B Datasheet(PDF) 10 Page - Microchip Technology

Part # TC649B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649B Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC649B Datasheet HTML 6Page - Microchip Technology TC649B Datasheet HTML 7Page - Microchip Technology TC649B Datasheet HTML 8Page - Microchip Technology TC649B Datasheet HTML 9Page - Microchip Technology TC649B Datasheet HTML 10Page - Microchip Technology TC649B Datasheet HTML 11Page - Microchip Technology TC649B Datasheet HTML 12Page - Microchip Technology TC649B Datasheet HTML 13Page - Microchip Technology TC649B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TC646B/TC648B/TC649B
DS21755C-page 10
 2002-2013 Microchip Technology Inc.
3.0
PIN FUNCTIONS
The descriptions of the pins are given in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Input (VIN)
The thermistor network (or other temperature sensor)
connects to VIN. A voltage range of 1.20V to 2.60V (typ-
ical) on this pin drives an active duty cycle of 0% to
100% on the VOUT pin. The TC646B, TC648B and
TC649B
devices
enter
shutdown
mode
when
0
 V
IN  VSHDN. During shutdown, the FAULT/OTF
output is inactive and supply current falls to 30 µA
(typical).
3.2
Analog Output (CF)
CF is the positive terminal for the PWM ramp generator
timing capacitor. The recommended value for the CF
capacitor is 1.0 µF for 30 Hz PWM operation.
3.3
Analog Input (VAS)
An external resistor divider connected to VAS sets the
auto-shutdown threshold. Auto-shutdown occurs when
VIN < VAS. The fan is automatically restarted when
VIN > (VAS + VHAS). During auto-shutdown, the
FAULT/OTF output is inactive and supply current falls
to 30 µA (typical).
3.4
Analog Input (SENSE)
Pulses are detected at SENSE as fan rotation chops
the current through a sense resistor. The absence of
pulses indicates a fan fault condition.
3.5
Digital (Open-Drain) Output
(FAULT/OTF)
FAULT/OTF goes low to indicate a fault condition.
When FAULT goes low due to a fan fault (TC646B and
TC649B devices), the output will remain low until the
fan fault condition has been removed (16 pulses have
been detected at the SENSE pin in a 32/f period). For
the TC646B and TC648B devices, the FAULT/OTF out-
put will also be asserted when the VIN voltage reaches
the VOTF threshold of 2.62V (typical). This gives an
over-temperature/100% fan speed indication.
3.6
Digital Output (VOUT)
VOUT is an active-high complimentary output that
drives the base of an external NPN transistor (via an
appropriate base resistor) or the gate of an N-channel
MOSFET. This output has asymmetrical drive. During a
fan fault condition, the VOUT output is continuously on.
3.7
Power Supply Input (VDD)
The VDD pin with respect to GND provides power to the
device. This bias supply voltage may be independent of
the fan power supply.
3.8
Ground (GND)
Ground terminal.
3.9
No Connect (NC)
No internal connection.
Pin
Name
Function
1VIN
Analog Input
2CF
Analog Output
3VAS
Analog Input
4
GND
Ground
5
SENSE/NC
Analog Input/No Connect. NC for TC648B.
6FAULT/OTF
Digital (Open-Drain) Output
OTF for TC648B
7VOUT
Digital Output
8VDD
Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com