Electronic Components Datasheet Search
  English  ▼

X  

AD830 Datasheet(PDF) 10 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD830_10 Datasheet HTML 6Page - Analog Devices AD830_10 Datasheet HTML 7Page - Analog Devices AD830_10 Datasheet HTML 8Page - Analog Devices AD830_10 Datasheet HTML 9Page - Analog Devices AD830_10 Datasheet HTML 10Page - Analog Devices AD830_10 Datasheet HTML 11Page - Analog Devices AD830_10 Datasheet HTML 12Page - Analog Devices AD830_10 Datasheet HTML 13Page - Analog Devices AD830_10 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD830
Rev. C | Page 10 of 20
3
–12
–27
1G
1M
100M
10M
100k
–9
–6
–3
0
–24
–21
–18
–15
FREQUENCY (Hz)
9
–6
–21
–3
0
3
6
–18
–15
–12
–9
RL = 150Ω
CL = 0pF
±15V
±5V
Figure 18. Closed-Loop Gain vs. Frequency for the Three Common
Connections of Figure 16
100mV
VS = ±5V
20ns
0%
100
90
10
VS = ±15V
Figure 19. Small Signal Pulse Response, RL = 150 Ω, CL = 4.7 pF, G = +1
9
–6
–21
1G
100k
10M
1M
10k
–3
0
3
6
–18
–15
–12
–9
FREQUENCY (Hz)
100M
VS = ±5V
RL = 150Ω
CL = 33pF
CL = 15pF
CL = 4.7pF
Figure 20. Closed-Loop Gain vs. Frequency vs. CL, G = +1, VS = ±5 V
V1
1
2
4
3
8
7
5
6
AD830
C
GM
GM
VP
VN
OUT
(a)
(b)
V1
1
2
4
3
8
7
5
6
AD830
C
A = 1
A = 1
GM
GM
VP
VN
OUT
VOUT = 2V1
RESISTORLESS GAIN OF 2
VOUT = V1
OP AMP CONNECTION
(c)
V1
1
2
4
3
8
7
5
6
AD830
C
A = 1
GM
GM
VP
VN
OUT
VOUT = V1
GAIN OF 1
Figure 21. Connection Diagrams
1V
VS = ±5V
20ns
0%
100
90
10
VS = ±15V
Figure 22. Large Signal Pulse Response, RL = 150 Ω, CL = 4.7 pF, G = +1
9
–6
–21
1G
100k
10M
1M
10k
–3
0
3
6
–18
–15
–12
–9
FREQUENCY (Hz)
100M
VS = ±15V
RL = 150Ω
CL = 33pF
CL = 15pF
CL = 4.7pF
Figure 23. Closed-Loop Gain vs. Frequency vs. CL, G = +1, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com