Electronic Components Datasheet Search
  English  ▼

X  

AD830 Datasheet(PDF) 20 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD830_10 Datasheet HTML 12Page - Analog Devices AD830_10 Datasheet HTML 13Page - Analog Devices AD830_10 Datasheet HTML 14Page - Analog Devices AD830_10 Datasheet HTML 15Page - Analog Devices AD830_10 Datasheet HTML 16Page - Analog Devices AD830_10 Datasheet HTML 17Page - Analog Devices AD830_10 Datasheet HTML 18Page - Analog Devices AD830_10 Datasheet HTML 19Page - Analog Devices AD830_10 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD830
Rev. C | Page 20 of 20
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.310 (7.87)
0.220 (5.59)
0.005 (0.13)
MIN
0.055 (1.40)
MAX
0.100 (2.54) BSC
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
0.405 (10.29) MAX
0.150 (3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
14
5
8
Figure 52. 8-Lead Ceramic Dual In-Line Package [CERDIP]
(Q-8)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD830AN
−40°C to +85°C
8-Lead PDIP
N-8
AD830ANZ
−40°C to +85°C
8-Lead PDIP
N-8
AD830AR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD830ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
AD830ARZ-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
AD830ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
AD830JR
0°C to +70°C
8-Lead SOIC_N
R-8
AD830JR-REEL
0°C to +70°C
8-Lead SOIC_N
R-8
AD830JR-REEL7
0°C to +70°C
8-Lead SOIC_N
R-8
AD830JRZ
0°C to +70°C
8-Lead SOIC_N
R-8
AD830JRZ-RL
0°C to +70°C
8-Lead SOIC_N
R-8
AD830JRZ-R7
0°C to +70°C
8-Lead SOIC_N
R-8
5962-9313001MPA2
−55°C to +125°C
8-Lead CERDIP
Q-8
1 Z = RoHS Compliant Part.
2 See Standard Military Drawing 5962-9313001 MPA for specifications.
©2005–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00881-0-3/10(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com