Electronic Components Datasheet Search
  English  ▼

X  

AD829JR Datasheet(PDF) 5 Page - Analog Devices

Part # AD829JR
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JR Datasheet(HTML) 5 Page - Analog Devices

  AD829JR Datasheet HTML 1Page - Analog Devices AD829JR Datasheet HTML 2Page - Analog Devices AD829JR Datasheet HTML 3Page - Analog Devices AD829JR Datasheet HTML 4Page - Analog Devices AD829JR Datasheet HTML 5Page - Analog Devices AD829JR Datasheet HTML 6Page - Analog Devices AD829JR Datasheet HTML 7Page - Analog Devices AD829JR Datasheet HTML 8Page - Analog Devices AD829JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
8-Lead PDIP (N)
1.3 W
8-Lead SOIC (R)
0.9 W
8-Lead CERDIP (Q)
1.3 W
20-Terminal LCC (E)
0.8 W
Differential Input Voltage2
±6 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
8-Lead CERDIP (Q) and 20-Terminal LCC (E)
−65°C to +150°C
8-Lead PDIP (N) and 8-Lead SOIC (R)
−65°C to +125°C
Operating Temperature Range
AD829J
0°C to 70°C
AD829A
−40°C to +125°C
AD829S
−55°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
1
Maximum internal power dissipation is specified so that TJ does not exceed
150°C at an ambient temperature of 25°C.
2
If the differential voltage exceeds 6 V, external series protection resistors
should be added to limit the input current.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Table 3.
Package Type
θJA
Unit
8-Lead PDIP (N)
100 (derates at 8.7 mW/°C)
°C/W
8-Lead CERDIP (Q)
110 (derates at 8.7 mW/°C)
°C/W
20-Lead LCC (E)
77
°C/W
8-Lead SOIC (R)
125 (derates at 6 mW/°C)
°C/W
METALLIZATION PHOTO
Figure 3. Metallization Photo; Contact Factory for Latest Dimensions,
Dimensions Shown in Inches and (Millimeters)
Figure 4. Maximum Power Dissipation vs. Temperature
ESD CAUTION
–IN
2
OFFSET NULL
1
0.054
(1.37)
0.067 (1.70)
SUBSTRATE CONNECTED TO +VS
OFFSET NULL
8
+VS
7
–VS
4
CCOMP
5
OUTPUT
6
+IN
3
AMBIENT TEMPERATURE (
°C)
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95 105 115
0
0.5
1.0
1.5
2.0
2.5
125
CERDIP
SOIC
PDIP
LCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com