Electronic Components Datasheet Search
  English  ▼

X  

AD829JR Datasheet(PDF) 8 Page - Analog Devices

Part # AD829JR
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD829JR Datasheet HTML 4Page - Analog Devices AD829JR Datasheet HTML 5Page - Analog Devices AD829JR Datasheet HTML 6Page - Analog Devices AD829JR Datasheet HTML 7Page - Analog Devices AD829JR Datasheet HTML 8Page - Analog Devices AD829JR Datasheet HTML 9Page - Analog Devices AD829JR Datasheet HTML 10Page - Analog Devices AD829JR Datasheet HTML 11Page - Analog Devices AD829JR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD829
Data Sheet
Rev. I | Page 8 of 20
Figure 17. Common-Mode Rejection Ratio (CMRR) vs. Frequency
Figure 18. Large Signal Frequency Response
Figure 19. Output Swing and Error vs. Settling Time
Figure 20. Total Harmonic Distortion (THD) vs. Frequency
Figure 21. Second and Third THD vs. Frequency
Figure 22. Input Voltage Noise Spectral Density
FREQUENCY (Hz)
1k
10k
100k
1M
10M
20
120
100
60
80
40
100M
CCOMP = 0pF
INPUT FREQUENCY (MHz)
1
10
0
5
10
15
20
25
30
100
VS = ±15V
RL = 1kΩ
AV = +20
CCOMP = 0pF
VS = ±5V
RL = 500Ω
AV = +20
CCOMP = 0pF
SETTLING TIME (ns)
0
20
40
60
80
100
120
140
–10
–8
–6
–4
–2
0
2
4
6
8
10
160
1%
1%
0.1%
0.1%
ERROR
AV = –19
CCOMP = 0pF
FREQUENCY (Hz)
100
300
1k
3k
10k
30k
–110
–105
–100
–95
–90
–85
–80
–75
–70
100k
VIN = 3V RMS
AV = –1
CCOMP = 30pF
CL = 100pF
RL = 500Ω
RL = 2kΩ
FREQUENCY (Hz)
0
500k
1.0M
1.5M
–70
–20
–30
–40
–50
–60
2.0M
THIRD HARMONIC
SECOND HARMONIC
VIN = 2.25V RMS
AV = –1
RL = 250Ω
CL = 0pF
CCOMP = 30pF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0
5
4
3
2
1
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com