Electronic Components Datasheet Search
  English  ▼

X  

AD7416ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7416ARZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD7416ARZ Datasheet HTML 1Page - Analog Devices AD7416ARZ Datasheet HTML 2Page - Analog Devices AD7416ARZ Datasheet HTML 3Page - Analog Devices AD7416ARZ Datasheet HTML 4Page - Analog Devices AD7416ARZ Datasheet HTML 5Page - Analog Devices AD7416ARZ Datasheet HTML 6Page - Analog Devices AD7416ARZ Datasheet HTML 7Page - Analog Devices AD7416ARZ Datasheet HTML 8Page - Analog Devices AD7416ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 5 of 24
Parameter
A Version
B Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
5.5
5.5
V max
For specified performance
2.7
2.7
V min
IDD
Logic inputs = 0 V or VDD
Normal Operation
600
600
μA max
Power-Down
1.5
1.5
μA max
0.7 μA typically
Auto Power-Down Mode
VDD = 3 V; see the Operating Modes section
10 SPS Throughput Rate
6
6
μW typ
1 kSPS Throughput Rate
60
60
μW typ
10 kSPS Throughput Rate
600
600
μW typ
Power-Down
3
3
μW max
Typically 0.15 μW
1 B Version applies to AD7417 only with temperature range of −40°C to +85°C. A Version temperature range is −40°C to +125°C. For VDD = 2.7 V, TA = 85°C maximum and
temperature sensor measurement error = ±3°C maximum.
2 See the Terminology section.
3 Refers to the input current when the part is not converting. Primarily due to reverse leakage current in the ESD protection diodes.
4 Sample tested during initial release and after any redesign or process change that may affect this parameter.
5 On-chip reference shuts down when an external reference is applied.
6 The accuracy of the temperature sensor is affected by reference tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com