Electronic Components Datasheet Search
  English  ▼

X  

AD7416ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7416ARZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7416ARZ Datasheet HTML 3Page - Analog Devices AD7416ARZ Datasheet HTML 4Page - Analog Devices AD7416ARZ Datasheet HTML 5Page - Analog Devices AD7416ARZ Datasheet HTML 6Page - Analog Devices AD7416ARZ Datasheet HTML 7Page - Analog Devices AD7416ARZ Datasheet HTML 8Page - Analog Devices AD7416ARZ Datasheet HTML 9Page - Analog Devices AD7416ARZ Datasheet HTML 10Page - Analog Devices AD7416ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +7 V
VDD to DGND
−0.3 V to +7 V
Analog Input Voltage to AGND
AIN1 to AIN4
−0.3 V to VDD + 0.3 V
Reference Input Voltage to AGND1
−0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
A Version
−40°C to +125°C
B Version
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP, Power Dissipation
450 mW
θJA Thermal Impedance
120°C/W
Lead Temperature, Soldering
260°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
16-Lead SOIC Package, Power Dissipation
450 mW
θJA Thermal Impedance
100°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
8-Lead SOIC Package, Power Dissipation
450 mW
θJA Thermal Impedance
157°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
MSOP Package, Power Dissipation
450 mW
θJA Thermal Impedance
206°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 If the reference input voltage is likely to exceed VDD by more than 0.3 V (for
example, during power-up) and the reference is capable of supplying 30 mA
or more, it is recommended to use a clamping diode between the REFIN pin
and the VDD pin. Figure 5 shows how the diode should be connected.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
REFIN
BAT81
AD7417
VDD
Figure 5. Diode Connection
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com