Electronic Components Datasheet Search
  English  ▼

X  

AD7416ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD7416ARM
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARM Datasheet(HTML) 1 Page - Analog Devices

  AD7416ARM Datasheet HTML 1Page - Analog Devices AD7416ARM Datasheet HTML 2Page - Analog Devices AD7416ARM Datasheet HTML 3Page - Analog Devices AD7416ARM Datasheet HTML 4Page - Analog Devices AD7416ARM Datasheet HTML 5Page - Analog Devices AD7416ARM Datasheet HTML 6Page - Analog Devices AD7416ARM Datasheet HTML 7Page - Analog Devices AD7416ARM Datasheet HTML 8Page - Analog Devices AD7416ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
10-Bit Digital Temperature Sensor
(AD7416) and Four Single-Channel ADCs
AD7416/AD7417/AD7418
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1998–2010 Analog Devices, Inc. All rights reserved.
FEATURES
10-bit ADC with 15 μs and 30 μs conversion times
Single and 4 single-ended analog input channels
On-chip temperature sensor: −40°C to +125°C
On-chip track-and-hold
Overtemperature indicator
Automatic power-down at the end of a conversion
Wide operating supply range: 2.7 V to 5.5 V
I2C-compatible serial interface
Selectable serial bus address allows connection of up to 8
AD7416/AD7417 devices to a single bus
AD7416 is a superior replacement for LM75
APPLICATIONS
Data acquisition with ambient temperature monitoring
Industrial process control
Automotive
Battery-charging applications
Personal computers
GENERAL DESCRIPTION
The AD7417 and AD7418 are 10-bit, 4-channel and single-channel
ADCs with an on-chip temperature sensor that can operate from a
single 2.7 V to 5.5 V power supply. The devices contain a 15 μs
successive approximation converter, a 5-channel multiplexer, a
temperature sensor, a clock oscillator, a track-and-hold, and a
reference (2.5 V). The AD7416 is a temperature-monitoring only
device in an 8-lead package.
The temperature sensor on the parts can be accessed via multip-
lexer Channel 0. When Channel 0 is selected and a conversion
is initiated, the resulting ADC code at the end of the conversion
gives a measurement of the ambient temperature (±1°C @ 25°C).
On-chip registers can be programmed with high and low tempera-
ture limits, and an open-drain overtemperature indicator (OTI)
output is provided, which becomes active when a programmed
limit is exceeded.
A configuration register allows programming of the sense of the
OTI output (active high or active low) and its operating mode
(comparator or interrupt). A programmable fault queue counter
allows the number of out-of-limit measurements that must
occur before triggering the OTI output to be set to prevent
spurious triggering of the OTI output in noisy environments.
FUNCTIONAL BLOCK DIAGRAMS
SETPOINT
COMPARATOR
10-BIT
ANALOG-TO-DIGITAL
CONVERTER
AD7416
BAND GAP
TEMPERATURE
SENSOR
ADDRESS
POINTER
REGISTER
TEMPERATURE
VALUE
REGISTER
CONFIGURATION
REGISTER
SERIAL BUS
INTERFACE
FAULT
QUEUE
COUNTER
TOTI SETPOINT
REGISTER
THYST SETPOINT
REGISTER
7
2
1
4
3
8
6
5
A0
GND
OTI
VDD
SDA
SCL
A1
A2
Figure 1. AD7416
AD7417
13
2
3
4
5
12
11
A0
1
NC
NC = NO CONNECT
16
NC
6
GND
15
CONVST
TEMP
SENSOR
MUX
REF
2.5V
SAMPLING
CAPACITOR
CLOCK
TOTI SETPOINT
REGISTER
A > B
B
DATA OUT
I2C
INTERFACE
A
CONTROL
LOGIC
AIN1
8
AIN2
9
AIN3
10
AIN4
VBALANCE
OTI
REFIN
14
VDD
SCL
SDA
A1
A2
7
CHARGE
DISTRIBUTION
DAC
Figure 2. AD7417
AD7418
1
2
3
6
4
GND
8
CONVST
TEMP
SENSOR
MUX
REF
2.5V
SAMPLING
CAPACITOR
CLOCK
TOTI SETPOINT
REGISTER
A > B
B
DATA OUT
I2C
INTERFACE
A
CONTROL
LOGIC
AIN
VBALANCE
OTI
REFIN
7
VDD
SCL
SDA
5
CHARGE
DISTRIBUTION
DAC
Figure 3. AD7418


Similar Part No. - AD7416ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416ARM AD-AD7416ARM Datasheet
325Kb / 20P
10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
8/04-Data Sheet Changed from REV. F to REV. G.
AD7416ARM-REEL AD-AD7416ARM-REEL Datasheet
325Kb / 20P
10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
8/04-Data Sheet Changed from REV. F to REV. G.
AD7416ARM-REEL7 AD-AD7416ARM-REEL7 Datasheet
325Kb / 20P
10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
8/04-Data Sheet Changed from REV. F to REV. G.
AD7416ARMZ AD-AD7416ARMZ Datasheet
325Kb / 20P
10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
8/04-Data Sheet Changed from REV. F to REV. G.
AD7416ARMZ-REEL AD-AD7416ARMZ-REEL Datasheet
325Kb / 20P
10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
8/04-Data Sheet Changed from REV. F to REV. G.
More results

Similar Description - AD7416ARM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8542 SIPEX-SP8542 Datasheet
219Kb / 16P
Two and Four Channel 12-Bit Multiplexed Sampling ADCs
logo
Analog Devices
AD7416 AD-AD7416 Datasheet
325Kb / 20P
10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
8/04-Data Sheet Changed from REV. F to REV. G.
AD7816 AD-AD7816 Datasheet
279Kb / 20P
Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
9/04-Data Sheet changed from REV. B to REV. C.
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
3/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
10-Bit Digital Temperature Sensor
Rev. A
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
10-Bit Digital Temperature Sensor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com