Electronic Components Datasheet Search
  English  ▼

X  

AD7416ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD7416ARM
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7416ARM Datasheet HTML 12Page - Analog Devices AD7416ARM Datasheet HTML 13Page - Analog Devices AD7416ARM Datasheet HTML 14Page - Analog Devices AD7416ARM Datasheet HTML 15Page - Analog Devices AD7416ARM Datasheet HTML 16Page - Analog Devices AD7416ARM Datasheet HTML 17Page - Analog Devices AD7416ARM Datasheet HTML 18Page - Analog Devices AD7416ARM Datasheet HTML 19Page - Analog Devices AD7416ARM Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 16 of 24
Reading Data From the AD7416/AD7417/AD7418
Reading data from the AD7416/AD7417/AD7418 is a single-
byte or 2-byte operation. Reading back the contents of the
configuration register is a single-byte read operation, as shown
in Figure 18, with the register address previously having been
set by a single-byte write operation to the address pointer
register.
Reading data from the temperature value register, the TOTI
setpoint or THYST setpoint register is a 2-byte operation, as
shown in Figure 19. It is also possible to read the most
significant bit of a 9-bit or 10-bit register in this manner.
Note that when reading back from the AD7416/AD7417/
AD7418, no more than three bytes of data must be read back.
A stop command must be inserted at the end of the read
communication. If a stop command is not inserted by the
master and the AD7416/AD7417/AD7418 receive more SCL
cycles than the maximum needed for three bytes of data, then
the I2C interface on the AD7416/AD7417/AD7418 pulls the
SDA line low and prevents it from going high again. To recover
the AD7416/AD7417/AD7418 interface, the part must be
powered off and on again. Reference the AN-686 Application
Note, Implementing an I2C® Reset at www.analog.com for more
information on I2C interfaces.
SCL
1
1
9
9
SDA
1
0
0
1
START BY
MASTER
ACK. BY
AD741x1
NO ACK. BY
MASTER
STOP
BY
MASTER
FRAME 2
SINGLE DATA BYTE FROM AD741x1
FRAME 1
SERIAL BUS ADDRESS BYTE
A1
D7
D6
D5
D4
D3
D2
D1
D0
A0
A2
R/W
1AD741x = AD7416/AD7417/AD7418.
Figure 18. Reading a Single Byte of Data from the Configuration Register
SCL
1
1
1
9
9
9
SDA
1
001
START BY
MASTER
ACK. BY
AD741x1
ACK. BY
MASTER
NO ACK. BY
MASTER
STOP
BY
MASTER
FRAME 2
MOST SIGNIFICANT BYTE FROM AD741x1
FRAME 3
LEAST SIGNIFICANT DATA BYTE FROM AD741x1
FRAME 1
SERIAL BUS ADDRESS BYTE
SCL (CONTINUED)
SDA (CONTINUED)
A2
A1
D15
D14
D13
D12
D11
D10
D9
D8
D6
D7
D5
D4
D3
D2
D1
D0
A0
R/W
1AD741x = AD7416/AD7417/AD7418.
Figure 19. Reading Two Bytes of Data from the TOTI Setpoint or THYST Setpoint Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com