Electronic Components Datasheet Search
  English  ▼

X  

AD7490BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7490BCPZ
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7490BCPZ Datasheet HTML 1Page - Analog Devices AD7490BCPZ Datasheet HTML 2Page - Analog Devices AD7490BCPZ Datasheet HTML 3Page - Analog Devices AD7490BCPZ Datasheet HTML 4Page - Analog Devices AD7490BCPZ Datasheet HTML 5Page - Analog Devices AD7490BCPZ Datasheet HTML 6Page - Analog Devices AD7490BCPZ Datasheet HTML 7Page - Analog Devices AD7490BCPZ Datasheet HTML 8Page - Analog Devices AD7490BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Channel, 1 MSPS, 12-Bit ADC
with Sequencer in 28-Lead TSSOP
Data Sheet
AD7490
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fast throughput rate: 1 MSPS
Specified for VDD of 2.7 V to 5.25 V
Low power at maximum throughput rates
5.4 mW maximum at 870 kSPS with 3 V supplies
12.5 mW maximum at 1 MSPS with 5 V supplies
16 (single-ended) inputs with sequencer
Wide input bandwidth
69.5 dB SNR at 50 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface, SPI/QSPI™/MICROWIRE™/
DSP compatible
Full shutdown mode: 0.5 µA maximum
28-lead TSSOP and 32-lead LFCSP packages
FUNCTIONAL BLOCK DIAGRAM
REFIN
VIN0
VIN15
AGND
VDD
AD7490
INPUT
MUX
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
SEQUENCER
SCLK
DOUT
DIN
CS
VDRIVE
T/H
Figure 1.
GENERAL DESCRIPTION
The AD7490 is a 12-bit high speed, low power, 16-channel,
successive approximation ADC. The part operates from a single
2.7 V to 5.25 V power supply and features throughput rates up
to 1 MSPS. The part contains a low noise, wide bandwidth
track-and-hold amplifier that can handle input frequencies in
excess of 1 MHz.
The conversion process and data acquisition are controlled
using CS and the serial clock signal, allowing the device to
easily interface with microprocessors or DSPs. The input signal
is sampled on the falling edge of CS, and conversion is also
initiated at this point. There are no pipeline delays associated
with the part.
The AD7490 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. For maximum
throughput rates, the AD7490 consumes just 1.8 mA with 3 V
supplies, and 2.5 mA with 5 V supplies.
By setting the relevant bits in the control register, the analog
input range for the part can be selected to be a 0 V to REFIN
input or a 0 V to 2 × REFIN input, with either straight binary
or twos complement output coding. The AD7490 features 16
single-ended analog inputs with a channel sequencer to allow a
preprogrammed selection of channels to be converted sequen-
tially. The conversion time is determined by the SCLK
frequency because this is also used as the master clock to
control the conversion.
The AD7490 is available in a 32-lead LFCSP and a 28-lead
TSSOP package.
PRODUCT HIGHLIGHTS
1. The AD7490 offers up to 1 MSPS throughput rates. At
maximum throughput with 3 V supplies, the AD7490
dissipates just 5.4 mW of power.
2. A sequence of channels can be selected, through which the
AD7490 cycles and converts.
3. The AD7490 operates from a single 2.7 V to 5.25 V supply.
The VDRIVE function allows the serial interface to connect
directly to either 3 V or 5 V processor systems independent
of VDD.
4. The conversion rate is determined by the serial clock,
allowing the conversion time to be reduced through the
serial clock speed increase. The part also features various
shutdown modes to maximize power efficiency at lower
throughput rates. Power consumption is 0.5 µA, maximum,
when in full shutdown.
5. The part features a standard successive approximation
ADC with accurate control of the sampling instant via a CS
input and once off conversion control.


Similar Part No. - AD7490BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490BCPZ AD-AD7490BCPZ Datasheet
748Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC
12/12-Rev. C to Rev. D
AD7490BCPZ AD-AD7490BCPZ Datasheet
747Kb / 28P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer
Rev. E
AD7490BCPZ-REEL7 AD-AD7490BCPZ-REEL7 Datasheet
748Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC
12/12-Rev. C to Rev. D
AD7490BCPZ-REEL7 AD-AD7490BCPZ-REEL7 Datasheet
747Kb / 28P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer
Rev. E
More results

Similar Description - AD7490BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490 AD-AD7490 Datasheet
2Mb / 24P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
10/02-Data Sheet changed from REV. 0 to REV. A.
AD7904 AD-AD7904 Datasheet
411Kb / 24P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV.0
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Analog Devices
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com