Electronic Components Datasheet Search
  English  ▼

X  

AD7490BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7490BCPZ
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7490BCPZ Datasheet HTML 12Page - Analog Devices AD7490BCPZ Datasheet HTML 13Page - Analog Devices AD7490BCPZ Datasheet HTML 14Page - Analog Devices AD7490BCPZ Datasheet HTML 15Page - Analog Devices AD7490BCPZ Datasheet HTML 16Page - Analog Devices AD7490BCPZ Datasheet HTML 17Page - Analog Devices AD7490BCPZ Datasheet HTML 18Page - Analog Devices AD7490BCPZ Datasheet HTML 19Page - Analog Devices AD7490BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7490
Data Sheet
Rev. D | Page 16 of 28
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7490 is a fast, 16-channel, 12-bit, single-supply, analog-
to-digital converter. The parts can be operated from a 2.7 V to
5.25 V supply. When operated from a 5 V supply and provided
with a 20 MHz clock, the AD7490 is capable of throughput rates
of up to 1 MSPS.
The AD7490 provides the user with an on-chip, track-and-hold
ADC and a serial interface housed in either a 28-lead TSSOP or
32-lead LFCSP package. The AD7490 has 16 single-ended input
channels with a channel sequencer, allowing the user to select a
sequence of channels through which the ADC can cycle with each
consecutive CS falling edge. The serial clock input accesses data
from the part, controls the transfer of data written to the ADC,
and provides the clock source for the successive approximation
ADC. The analog input range for the AD74790 is 0 V to REFIN
or 0 V to 2 × REFIN, depending on the status of Bit 1 in the
control register. For the 0 V to 2 × REFIN range, the part must be
operated from a 4.75 V to 5.25 V supply.
The AD7490 provides flexible power management options to
allow the user to achieve the best power performance for a
given throughput rate. These options are selected by program-
ming the power management bits in the control register.
CONVERTER OPERATION
The AD7490 is a 12-bit successive approximation ADC based
around a capacitive DAC. The AD7490 can convert analog
input signals in the range 0 V to REFIN or 0 V to 2 × REFIN.
Figure 15 and Figure 16 show simplified schematics of the
ADC. The ADC comprises control logic, SAR, and a capacitive
DAC, which are used to add and subtract fixed amounts of
charge from the sampling capacitor to bring the comparator
back into a balanced condition. Figure 15 shows the ADC
during its acquisition phase. SW2 is closed and SW1 is in
Position A. The comparator is held in a balanced condition,
and the sampling capacitor acquires the signal on the selected
VIN channel.
When the ADC starts a conversion (see Figure 16), SW2 opens
and SW1 moves to Position B, causing the comparator to become
unbalanced. The control logic and the capacitive DAC are used
to add and subtract fixed amounts of charge from the sampling
capacitor to bring the comparator back into a balanced condi-
tion. When the comparator is rebalanced, the conversion is
complete. The control logic generates the ADC output code.
Figure 18 shows the ADC transfer function.
VIN0
VIN15
AGND
A
B
SW1
SW2
4kΩ
COMPARATOR
CAPACITIVE
DAC
CONTROL
LOGIC
Figure 15. ADC Acquisition Phase
VIN0
VIN15
AGND
A
B
SW1
SW2
4kΩ
COMPARATOR
CAPACITIVE
DAC
CONTROL
LOGIC
Figure 16. ADC Conversion Phase
Analog Input
Figure 17 shows an equivalent circuit of the analog input struc-
ture of the AD7490. The two diodes, D1 and D2, provide ESD
protection for the analog inputs. Care must be taken to ensure
that the analog input signal never exceeds the supply rails by
more than 200 mV. This causes these diodes to become forward
biased and to start conducting current into the substrate. The
maximum current these diodes can conduct without causing
irreversible damage to the part is 10 mA. Capacitor C1 in Figure 17
is typically about 4 pF and can primarily be attributed to pin
capacitance. Resistor R1 is a lumped component made up of the
on resistance of a track-and-hold switch and includes the on
resistance of the input multiplexer. The total resistance is typically
about 400 Ω. Capacitor C2 is the ADC sampling capacitor and
typically has a capacitance of 30 pF.
C1
4pF
VIN
CONVERSION PHASE—SWITCH OPEN
TRACK PHASE—SWITCH CLOSED
VDD
R1
C2
30pF
D2
D1
Figure 17. Equivalent Analog Input Circuit
For ac applications, removing high frequency components from
the analog input signal is recommended by use of an RC low-
pass filter on the relevant analog input pin. In applications where
harmonic distortion and signal-to-noise ratio are critical, the
analog input should be driven from a low impedance source.
Large source impedances significantly affect the ac performance
of the ADC. This may necessitate the use of an input buffer
amplifier. The choice of the op amp is a function of the particular
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com