Electronic Components Datasheet Search
  English  ▼

X  

TC7109A Datasheet(PDF) 17 Page - Microchip Technology

Part # TC7109A
Description  12-Bit ?쵡-Compatible Analog-to-Digital Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109A Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC7109A Datasheet HTML 13Page - Microchip Technology TC7109A Datasheet HTML 14Page - Microchip Technology TC7109A Datasheet HTML 15Page - Microchip Technology TC7109A Datasheet HTML 16Page - Microchip Technology TC7109A Datasheet HTML 17Page - Microchip Technology TC7109A Datasheet HTML 18Page - Microchip Technology TC7109A Datasheet HTML 19Page - Microchip Technology TC7109A Datasheet HTML 20Page - Microchip Technology TC7109A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2002-2012 Microchip Technology Inc.
DS21456D-page 17
TC7109/A
4.0
INTERFACING
4.1
Direct Mode
Combinations of chip enable and byte enable control
signals, which may be used when interfacing the
TC7109A to parallel data lines, are shown in Figure .
The CE/LOAD input may be tied low, allowing either byte
to be controlled by its own enable (see Figure (A)).
Figure (B) shows the HBEN and LBEN as flag inputs,
and CE/LOAD as a master enable, which could be the
READ strobe available from most microprocessors.
Figure (C) shows a configuration where the two byte
enables are connected together. The CE/LOAD is a
chip enable, and the HBEN and LBEN may be used as
a second chip enable, or connected to ground. The 14
data outputs will be enabled at the same time. In the
direct MODE, SEND should be tied to V+.
Figure shows interfacing several TC7109A’s to a bus,
ganging the HBEN and LBEN signals to several
converters together, and using the CE/LOAD input to
select the desired converter.
Figure through Figure give practical circuits utilizing
the parallel three-state output capabilities of the
TC7109A. Figure shows parallel interface to the 8748/
49 systems via an 8255 PPI, where the TC7109A data
outputs are active at all times. This interface can be
used in a read-after-update sequence, as shown in
Figure . The data is accessed by the high-to-low
transition of the Status driving an interrupt to the
microcontroller.
The RUN/HOLD
input is
also used to initiate
conversions under software control.
Direct interfacing to most microcontroller busses is
easily accomplished through the three-state output of
the TC7109A.
Figure 4-8 is a typical connection diagram. To ensure
requirements for setup and hold times, minimum pulse
widths, and the drive limitations on long busses are
met, it is necessary to carefully consider the system
timing in this type of interface. This type of interface is
used when the memory peripheral address density is
low, providing simple address decoding. Interrupt
handling can be simplified by using an interface to
reduce the component count.
FIGURE 4-1:
Direct Mode Chip and Byte Enable Combination
TC7109A
MODE
CE/LOAD
B9 - B12
POL, OR
B1 - B8
LBEN
HBEN
GND
8
Analog In
6
Convert
Control
RUN/HOLD
TC7109A
MODE
CE/LOAD
B1 - B12
POL, OR
LBEN
HBEN
GND
Analog In
Convert
RUN/HOLD
TC7109A
MODE
CE/LOAD
B9 - B12
POL, OR
B1 - B8
LBEN
HBEN
8
Analog In
6
Convert
RUN/HOLD
Chip Select 1
GND or
Chip Select 2
14
Byte Flags
GND
Chip Select
A.
B.
C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com