Electronic Components Datasheet Search
  English  ▼

X  

TC7109A Datasheet(PDF) 19 Page - Microchip Technology

Part # TC7109A
Description  12-Bit ?쵡-Compatible Analog-to-Digital Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109A Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC7109A Datasheet HTML 15Page - Microchip Technology TC7109A Datasheet HTML 16Page - Microchip Technology TC7109A Datasheet HTML 17Page - Microchip Technology TC7109A Datasheet HTML 18Page - Microchip Technology TC7109A Datasheet HTML 19Page - Microchip Technology TC7109A Datasheet HTML 20Page - Microchip Technology TC7109A Datasheet HTML 21Page - Microchip Technology TC7109A Datasheet HTML 22Page - Microchip Technology TC7109A Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2002-2012 Microchip Technology Inc.
DS21456D-page 19
TC7109/A
FIGURE 4-4:
Full Time Parallel Interface to
PD8748H/494 Microcontrollers
FIGURE 4-5:
TC7109A Handshake Interface to
PD8748H/494 Microcontrollers
TC7109A
MODE CE/LOAD
B9 - B12
POL, OR
B1 - B8
STATUS
RUN/HOLD
LBEN
HBEN
GND
GND
8
6
+5V
(See Text)
1mF
μPD8255A
RD WR D7 - D0
PC6
A0 - A1
CS
PA5 - PA0
PB7 - PB0
PC4
STBA
PC6
INTR
μPD8748H/49H
Data Bus
Control Bus
Address Bus
INTRA
Analog In
10kW
TC7109A
B9 - B12
POL, OR
B1 - B8
CE/LOAD
SEND
RUN/HOLD
MODE
8
6
μPD8255A
(Mode 1)
RD WR D7 - D0
PC
A0 - A1
CS
PA7 - PA0
PC4
PC5
PC6
PC7
INTR
μPD8748H/49H
Data Bus
Control Bus
Address Bus
Analog In
STBA
PC3
IBFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com