Electronic Components Datasheet Search
  English  ▼

X  

AD7680ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD7680ARM
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7680ARM Datasheet HTML 7Page - Analog Devices AD7680ARM Datasheet HTML 8Page - Analog Devices AD7680ARM Datasheet HTML 9Page - Analog Devices AD7680ARM Datasheet HTML 10Page - Analog Devices AD7680ARM Datasheet HTML 11Page - Analog Devices AD7680ARM Datasheet HTML 12Page - Analog Devices AD7680ARM Datasheet HTML 13Page - Analog Devices AD7680ARM Datasheet HTML 14Page - Analog Devices AD7680ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7680
Rev. A | Page 11 of 24
–1.0
0
10000
20000
30000
40000
50000
60000
CODE
70000
1.0
1.5
–0.5
0.5
0
2.0
2.5
VDD = 3.0V
TEMP = 25
°C
Figure 9. AD7680 Typical INL
–1.0
–1.5
0
10000
20000
30000
40000
50000
60000
CODE
70000
1.0
–0.5
0.5
0
1.5
VDD = 3.0V
TEMP = 25
°C
Figure 10. AD7680 Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com