Electronic Components Datasheet Search
  English  ▼

X  

AD7680ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD7680ARM
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7680ARM Datasheet HTML 10Page - Analog Devices AD7680ARM Datasheet HTML 11Page - Analog Devices AD7680ARM Datasheet HTML 12Page - Analog Devices AD7680ARM Datasheet HTML 13Page - Analog Devices AD7680ARM Datasheet HTML 14Page - Analog Devices AD7680ARM Datasheet HTML 15Page - Analog Devices AD7680ARM Datasheet HTML 16Page - Analog Devices AD7680ARM Datasheet HTML 17Page - Analog Devices AD7680ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7680
Rev. A | Page 14 of 24
MODES OF OPERATION
The mode of operation of the AD7680 is selected by controlling
the (logic) state of the CS signal during a conversion. There are
two possible modes of operation, normal and power-down. The
point at which CS is pulled high after the conversion has been
initiated determines whether or not the AD7680 enters power-
down mode. Similarly, if the AD7680 is already in power-down,
CS can control whether the device returns to normal operation
or remains in power-down. These modes of operation are
designed to provide flexible power management options. These
options can optimize the power dissipation/throughput rate
ratio for differing application requirements.
NORMAL MODE
This mode provides the fastest throughput rate performance,
because the user does not have to worry about the power-up
times with the AD7680 remaining fully powered all the time.
Figure 16 shows the general diagram of the operation of the
AD7680 in this mode.
The conversion is initiated on the falling edge of CS as described
in the
section. To ensure that the part remains
fully powered up at all times,
Serial Interface
CS must remain low until at least
10 SCLK falling edges have elapsed after the falling edge of CS.
If CS is brought high any time after the 10th SCLK falling edge,
but before the 20th SCLK falling edge, the part remains
powered up, but the conversion is terminated and SDATA goes
back into three-state. At least 20 serial clock cycles are required
to complete the conversion and access the complete conversion
result. In addition, a total of 24 SCLK cycles accesses four
trailing zeros. CS may idle high until the next conversion or
may idle low until CS returns high sometime prior to the next
conversion, effectively idling CS low.
Once a data transfer is complete (SDATA has returned to three-
state), another conversion can be initiated after the quiet time,
tQUIET, has elapsed by bringing CS low again.
110
20
4 LEADING ZEROS + CONVERSION RESULT
CS
SCLK
SDATA
Figure 16. Normal Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com