Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7705_06 Datasheet HTML 11Page - Analog Devices AD7705_06 Datasheet HTML 12Page - Analog Devices AD7705_06 Datasheet HTML 13Page - Analog Devices AD7705_06 Datasheet HTML 14Page - Analog Devices AD7705_06 Datasheet HTML 15Page - Analog Devices AD7705_06 Datasheet HTML 16Page - Analog Devices AD7705_06 Datasheet HTML 17Page - Analog Devices AD7705_06 Datasheet HTML 18Page - Analog Devices AD7705_06 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
AD7705/AD7706
Rev. C | Page 15 of 44
CH1 5.00V
CH2 2.00V
2
2
1
VDD
OSCILLATOR = 4.9152MHz
OSCILLATOR = 2.4576MHz
5ms/DIV
TEK STOP: SINGLE SEQ 50.0kS/s
Figure 11. Crystal Oscillator Power-Up Time
TEMPERATURE (
°C)
–40
0
4
8
16
20
12
–30 –20 –10
0
10
20
30
40
50
60
70
80
VDD = 5V
VDD = 3V
MCLK IN = 0V OR VDD
Figure 12. Standby Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com