Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7705_06 Datasheet HTML 18Page - Analog Devices AD7705_06 Datasheet HTML 19Page - Analog Devices AD7705_06 Datasheet HTML 20Page - Analog Devices AD7705_06 Datasheet HTML 21Page - Analog Devices AD7705_06 Datasheet HTML 22Page - Analog Devices AD7705_06 Datasheet HTML 23Page - Analog Devices AD7705_06 Datasheet HTML 24Page - Analog Devices AD7705_06 Datasheet HTML 25Page - Analog Devices AD7705_06 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD7705/AD7706
Rev. C | Page 22 of 44
ANALOG INPUT
Ranges
The AD7705 contains two differential analog input pairs,
AIN1(+)/AIN1(−) and AIN2(+)/AIN2(−). These input pairs
provide programmable-gain, differential input channels that can
handle either unipolar or bipolar input signals. It should be noted
that the bipolar input signals are referenced to the respective
AIN(−) input of each input pair. The AD7706 contains three
pseudo differential analog input pairs, AIN1, AIN2, and AIN3,
which are referenced to the COMMON input.
In unbuffered mode, the common-mode range of the input is
from GND to VDD, provided that the absolute value of the analog
input voltage lies between GND − 100 mV and VDD + 30 mV.
Therefore, in unbuffered mode, the part can handle both unipolar
and bipolar input ranges for all gains. The AD7705 can tolerate
absolute analog input voltages down to GND − 200 mV, but the
leakage current increases at high temperatures. In buffered mode,
the analog inputs can handle much larger source impedances,
but the absolute input voltage range is restricted to between
GND + 50 mV and VDD − 1.5 V, which also restricts the common-
mode range. Therefore, in buffered mode, there are some
restrictions on the allowable gains for bipolar input ranges. Care
must be taken in setting up the common-mode voltage and
input voltage ranges so that the above limits are not exceeded;
otherwise, there is a degradation in linearity performance.
In unbuffered mode, the analog inputs look directly into the
7 pF input sampling capacitor, CSAMP. The dc input leakage
current in this unbuffered mode is 1 nA maximum. As a result,
the analog inputs see a dynamic load that is switched at the
input sample rate (see Figure 14). This sample rate depends on
master clock frequency and selected gain. CSAMP is charged to
AIN(+) and discharged to AIN(−) every input sample cycle.
The effective on resistance of the switch, RSW, is typically 7 kΩ.
CSAMP must be charged through RSW and any external source
impedances every input sample cycle. Therefore, in unbuffered
mode, source impedances mean a longer charge time for CSAMP,
which might result in gain errors on the parts. Table 22 shows
the allowable external resistance-capacitance values for unbuffered
mode, such that no gain error to the 16-bit level is introduced in
the part. Note that these capacitances are total capacitances on
the analog input—external capacitance plus 10 pF capacitance
from the pins and lead frame of the devices.
AIN(+)
AIN(–)
SWITCHING FREQUENCY DEPENDS ON
fCLKIN AND SELECTED GAIN
RSW (7kΩ TYP)
CSAMP
(7pF)
HIGH
IMPEDANCE
>1G
VBIAS
Figure 14. Unbuffered Analog Input Structure
Table 22. External Resistance-Capacitance Combination for
Unbuffered Mode (Without 16-Bit Gain Error)
External Capacitance (pF)
Gain
10
50
100
500
1000
5000
1
152 kΩ
53.9 kΩ
31.4 kΩ
8.4 kΩ
4.76 kΩ
1.36 kΩ
2
75.1 kΩ
26.6 kΩ
15.4 kΩ
4.14 kΩ
2.36 kΩ
670 Ω
4
34.2 kΩ
12.77 kΩ
7.3 kΩ
1.95 kΩ
1.15 kΩ
320 Ω
8 to 128
16.7 kΩ
5.95 kΩ
3.46 kΩ
924 Ω
526 Ω
150 Ω
In buffered mode, the analog inputs look into the high impedance
inputs stage of the on-chip buffer amplifier. CSAMP is charged via
this buffer amplifier such that source impedances do not affect
the charging of CSAMP. This buffer amplifier has an offset leakage
current of 1 nA. In this buffered mode, large source impedances
result in a small dc offset voltage developed across the source
impedance, but not in a gain error.
Sample Rate
The modulator sample frequency for the AD7705/AD7706
remains at fCLKIN/128 (19.2 kHz @ fCLKIN = 2.4576 MHz), regardless
of the selected gain. However, gains greater than 1 are achieved
by a combination of multiple input samples per modulator cycle
and a scaling of the ratio of reference capacitor to input capacitor.
As a result of the multiple sampling, the input sample rate of
these devices varies with the selected gain (see Table 23). In
buffered mode, the input is buffered before the input sampling
capacitor. In unbuffered mode, where the analog input looks
directly into the sampling capacitor, the effective input impedance
is 1/CSAMP × fS, where CSAMP is the input sampling capacitance
and fS is the input sample rate.
Table 23. Input Sampling Frequency vs. Gain
Gain
Input Sampling Frequency (fS)
1
fCLKIN/64 (38.4 kHz @ fCLKIN = 2.4576 MHz)
2
2 × fCLKIN/64 (76.8 kHz @ fCLKIN = 2.4576 MHz)
4
4 × fCLKIN/64 (76.8 kHz @ fCLKIN = 2.4576 MHz)
8 to 128
8 × fCLKIN/64 (307.2 kHz @ fCLKIN = 2.4576 MHz)
BIPOLAR/UNIPOLAR INPUT
The analog inputs on the AD7705/AD7706 can accept either
unipolar or bipolar input voltage ranges. Bipolar input ranges
do not imply that these parts can handle negative voltages on
their analog inputs; the analog inputs cannot go more negative
than −100 mV to ensure correct operation of these parts. The
input channels are fully differential. As a result, on the AD7705,
the voltage to which the unipolar and bipolar signals on the
AIN(+) input are referenced is the voltage on the respective
AIN(−) input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com