Electronic Components Datasheet Search
  English  ▼

X  

AD7705BN Datasheet(PDF) 33 Page - Analog Devices

Part # AD7705BN
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705BN Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7705BN Datasheet HTML 29Page - Analog Devices AD7705BN Datasheet HTML 30Page - Analog Devices AD7705BN Datasheet HTML 31Page - Analog Devices AD7705BN Datasheet HTML 32Page - Analog Devices AD7705BN Datasheet HTML 33Page - Analog Devices AD7705BN Datasheet HTML 34Page - Analog Devices AD7705BN Datasheet HTML 35Page - Analog Devices AD7705BN Datasheet HTML 36Page - Analog Devices AD7705BN Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AD7705/AD7706
Rev. C | Page 33 of 44
CONFIGURING THE AD7705/AD7706
The AD7705/AD7706 contain six on-chip registers that the user
can access via the serial interface. Communication with any of
these registers is initiated by first writing to the communication
register. Figure 21 outlines a flowchart of the sequence used to
configure registers after a power-up or reset on the AD7705;
similar procedures apply to the AD7706.
The flowchart also shows two read options—one polls the DRDY
pin, and the other interrogates the DRDY pin. In addition,
Figure 21 shows a series of words that should be written to the
registers for the following operating conditions: Gain 1, no
filter sync, bipolar mode, buffer off, clock of 4.9512 MHz, and
output rate of 50 Hz.
POWER-ON/RESET FOR AD7705
CONFIGURE & INITIALIZE
μC/μP SERIAL PORT
WRITE TO COMMUNICATIONS REGISTER SELECTING
CHANNEL & SETTING UP NEXT OPERATION TO BE A
WRITE TO THE CLOCK REGISTER (20 HEX)
WRITE TO CLOCK REGISTER SETTING THE CLOCK
BITS IN ACCORDANCE WITH THE APPLIED MASTER
CLOCK SIGNAL AND SELECT UPDATE RATE FOR
SELECTED CHANNEL (0C HEX)
WRITE TO COMMUNICATIONS REGISTER SELECTING
CHANNEL & SETTING UP NEXT OPERATION TO BE A
WRITE TO THE SETUP REGISTER (10 HEX)
WRITE TO SETUP REGISTER CLEARING F SYNC,
SETTING UP GAIN, OPERATING CONDITIONS &
INITIATING A SELF-CALIBRATION ON SELECTED
CHANNEL (40 HEX)
POLL DRDY PIN
NO
YES
WRITE TO COMMUNICATIONS REGISTER SETTING UP
NEXT OPERATION TO BE A READ FROM THE DATA
REGISTER (38 HEX)
READ FROM DATA REGISTER
WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT
OPERATION TO BE A READ FROM THE COMMUNICATIONS
REGISTER (08 HEX)
READ FROM COMMUNICATIONS REGISTER
POLL DRDY BIT OF COMMUNICATIONS REGISTER
WRITE TO COMMUNICATIONS REGISTER SETTING UP
NEXT OPERATION TO BE A READ FROM THE DATA
REGISTER (38 HEX)
START
READ FROM DATA REGISTER
DRDY
LOW?
NO
YES
DRDY
LOW?
Figure 21. Flowchart for Setting Up and Reading from the AD7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com