Electronic Components Datasheet Search
  English  ▼

X  

AD7705BN Datasheet(PDF) 18 Page - Analog Devices

Part # AD7705BN
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705BN Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7705BN Datasheet HTML 14Page - Analog Devices AD7705BN Datasheet HTML 15Page - Analog Devices AD7705BN Datasheet HTML 16Page - Analog Devices AD7705BN Datasheet HTML 17Page - Analog Devices AD7705BN Datasheet HTML 18Page - Analog Devices AD7705BN Datasheet HTML 19Page - Analog Devices AD7705BN Datasheet HTML 20Page - Analog Devices AD7705BN Datasheet HTML 21Page - Analog Devices AD7705BN Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD7705/AD7706
Rev. C | Page 18 of 44
Table 16. Operating Mode Options
MD1
MD0
Operating Mode
0
0
Normal Mode. In this mode, the device performs normal conversions.
0
1
Self-Calibration. This activates self-calibration on the channel selected by CH1 and CH0 of the communication register. This
is a one-step calibration sequence. When the sequence is complete, the part returns to normal mode, with both MD1 and
MD0 returning to 0. The DRDY output or bit goes high when calibration is initiated, and returns low when self-calibration is
complete and a new valid word is available in the data register. The zero-scale calibration is performed at the selected gain
on internally shorted (zeroed) inputs, and the full-scale calibration is performed at the selected gain on an internally
generated VREF/selected gain.
1
0
Zero-Scale System Calibration. This activates zero-scale system calibration on the channel selected by CH1 and CH0 of the
communication register. Calibration is performed at the selected gain on the input voltage provided at the analog input
during this calibration sequence. This input voltage should remain stable for the duration of the calibration. The DRDY
output or bit goes high when calibration is initiated, and returns low when zero-scale calibration is complete and a new
valid word is available in the data register. At the end of the calibration, the part returns to normal mode, with both MD1
and MD0 returning to 0.
1
1
Full-Scale System Calibration. This activates full-scale system calibration on the selected input channel. Calibration is
performed at the selected gain on the input voltage provided at the analog input during this calibration sequence. This
input voltage should remain stable for the duration of the calibration. The DRDY output or bit goes high when calibration is
initiated, and returns low when full-scale calibration is complete and a new valid word is available in the data register. At the
end of the calibration, the part returns to normal mode, with both MD1 and MD0 returning to 0.
Table 17. Gain Selection
G2
G1
G0
Gain Setting
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
16
1
0
1
32
1
1
0
64
1
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com