Electronic Components Datasheet Search
  English  ▼

X  

AD7787 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7787
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7787 Datasheet(HTML) 5 Page - Analog Devices

  AD7787_13 Datasheet HTML 1Page - Analog Devices AD7787_13 Datasheet HTML 2Page - Analog Devices AD7787_13 Datasheet HTML 3Page - Analog Devices AD7787_13 Datasheet HTML 4Page - Analog Devices AD7787_13 Datasheet HTML 5Page - Analog Devices AD7787_13 Datasheet HTML 6Page - Analog Devices AD7787_13 Datasheet HTML 7Page - Analog Devices AD7787_13 Datasheet HTML 8Page - Analog Devices AD7787_13 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD7787
Rev. A | Page 5 of 20
TIMING CHARACTERISTICS
Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed
from a voltage level of 1.6 V (see Figure 3 and Figure 4).
VDD = 2.5 V to 5.25 V; GND = 0 V, REFIN = 2.5 V, CDIV1 = CDIV0 = 0, Input Logic 0 = 0 V, Input Logic 1 = VDD, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN, TMAX (B Version)
Unit
Conditions/Comments
t3
100
ns min
SCLK High Pulse Width
t4
100
ns min
SCLK Low Pulse Width
Read Operation
t1
0
ns min
CS Falling Edge to DOUT/RDY Active Time
60
ns max
VDD = 4.75 V to 5.25 V
80
ns max
VDD = 2.5 V to 3.6 V
t21
0
ns min
SCLK Active Edge to Data Valid Delay2
60
ns max
VDD = 4.75 V to 5.25 V
80
ns max
VDD = 2.5 V to 3.6 V
t53, 4
10
ns min
Bus Relinquish Time after CS Inactive Edge
80
ns max
t6
100
ns max
SCLK Inactive Edge to CS Inactive Edge
t7
10
ns min
SCLK Inactive Edge to DOUT/RDY High
Write Operation
t8
0
ns min
CS Falling Edge to SCLK Active Edge Setup Time2
t9
30
ns min
Data Valid to SCLK Edge Setup Time
t10
25
ns min
Data Valid to SCLK Edge Hold Time
t11
0
ns min
CS Rising Edge to SCLK Edge Hold Time
1
These numbers are measured with the load circuit of Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
2
The SCLK active edge is the falling edge of SCLK.
3
These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and, as such, are independent of external bus loading capacitances.
4
RDY returns high after a read of the ADC. In single conversion mode and continuous conversion mode, the same data can be read again, if required, while RDY is high,
although care should be taken to ensure that subsequent reads do not occur close to the next output update. In continuous read mode, the digital word can be read
only once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com