Electronic Components Datasheet Search
  English  ▼

X  

AD7787 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7787
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7787 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7787_13 Datasheet HTML 12Page - Analog Devices AD7787_13 Datasheet HTML 13Page - Analog Devices AD7787_13 Datasheet HTML 14Page - Analog Devices AD7787_13 Datasheet HTML 15Page - Analog Devices AD7787_13 Datasheet HTML 16Page - Analog Devices AD7787_13 Datasheet HTML 17Page - Analog Devices AD7787_13 Datasheet HTML 18Page - Analog Devices AD7787_13 Datasheet HTML 19Page - Analog Devices AD7787_13 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD7787
Rev. A | Page 17 of 20
Continuous Read Mode
Rather than write to the communications register each time a
conversion is complete to access the data, the AD7787 can be
placed in continuous read mode. By writing 00111100
(Channel AIN1) or 00111101 (Channel AIN2) to the
communications register, the user only needs to apply the
appropriate number of SCLK cycles to the ADC, and the 24-bit
word is automatically placed on the DOUT/RDY line when a
conversion is complete.
When DOUT/RDY goes low to indicate the end of a
conversion, sufficient SCLK cycles must be applied to the ADC,
and the data conversion is placed on the DOUT/RDY line.
When the conversion is read, DOUT/RDY returns high until
the next conversion is available. In this mode, the data can only
be read once. Also, the user must ensure that the data-word is
read before the next conversion is complete. If the user has not
read the conversion before the completion of the next
conversion, or if insufficient serial clocks are applied to the
AD7787 to read the word, the serial output register is reset
when the next conversion is complete, and the new conversion
is placed in the output serial register.
To exit the continuous read mode, the instruction 001110XX
must be written to the communications register while the RDY
pin is low. While in the continuous read mode, the ADC
monitors activity on the DIN line so that it can receive the
instruction to exit the continuous read mode. Additionally, a
reset occurs if 32 consecutive 1s are seen on DIN. Therefore,
DIN should be held low in continuous read mode until an
instruction is written to the device.
DIN
SCLK
DOUT/RDY
CS
0x3C
DATA
DATA
DATA
Figure 15. Continuous Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com