Electronic Components Datasheet Search
  English  ▼

X  

AD8030AR Datasheet(PDF) 17 Page - Analog Devices

Part # AD8030AR
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8030AR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8030AR Datasheet HTML 13Page - Analog Devices AD8030AR Datasheet HTML 14Page - Analog Devices AD8030AR Datasheet HTML 15Page - Analog Devices AD8030AR Datasheet HTML 16Page - Analog Devices AD8030AR Datasheet HTML 17Page - Analog Devices AD8030AR Datasheet HTML 18Page - Analog Devices AD8030AR Datasheet HTML 19Page - Analog Devices AD8030AR Datasheet HTML 20Page - Analog Devices AD8030AR Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8029/AD8030/AD8040
Rev. B | Page 17 of 24
APPLICATIONS
WIDEBAND OPERATION
+VS
–VS
C2
10
µF
C1
0.1
µF
C4
0.1
µF
C3
10
µF
VOUT
+
–
AD8029
RG
R1
RF
DISABLE
VIN
R1 = RF||RG
03679-0-052
Figure 51. Wideband Non-inverting Gain Configuration
+VS
–VS
C1
0.1
µF
C4
0.1
µF
C3
10
µF
R1
VOUT
–
+
AD8029
RG
R1 = RF||RG
RF
VIN
03679-0-053
C2
10
µF
DISABLE
Figure 52. Wideband Inverting Gain Configuration
OUTPUT LOADING SENSITIVITY
To achieve maximum performance and low power dissipation,
the designer needs to consider the loading at the output of
AD8029/AD8030/AD8040. Table 5 shows the effects of output
loading and performance.
When operating at unity gain, the effective load at the amplifier
output is the resistance (RL) being driven by the amplifier. For
gains other than 1, in noninverting configurations, the feedback
network represents an additional current load at the amplifier
output. The feedback network (RF + RG) is in parallel with RL,
which lowers the effective resistance at the output of the
amplifier. The lower effective resistance causes the amplifier to
supply more current at the output. Lower values of feedback
resistance increase the current draw, thus increasing the
amplifier’s power dissipation.
For example, if using the values shown in Table 5 for a gain of 2,
with resistor values of 2.5 kΩ, the effective load at the output is
1.67 kΩ. For inverting configurations, only the feedback resistor
RF is in parallel with the output load. If the load is greater than
that specified in the data sheet, the amplifier can introduce
nonlinearities in its open-loop response, which increases
distortion. Figure 53 and Figure 54 illustrate effective output
loading and distortion performance. Increasing the resistance of
the feedback network can reduce the current consumption, but
has other implications.
FREQUENCY (MHz)
0.01
–120
0.1
1.0
10
–40
–50
–60
–70
–80
–90
–100
–110
VS = 5V
VOUT = 0.1V p-p
RL = 5kΩ
RL = 2.5kΩ
VS = 5V
VOUT = 2.0V p-p
SECOND HARMONIC – SOLID LINES
THIRD HARMONIC – DOTTED LINES
RL = 1kΩ
Figure 53. Gain of 1 Distortion
FREQUENCY (MHz)
0.01
–120
0.1
1.0
10
–40
–50
–60
–70
–80
–90
–100
–110
VS = 5V
VOUT = 0.1V p-p
RF = RL = 1kΩ
VS = 5V
VOUT = 2.0V p-p
SECOND HARMONIC – SOLID LINES
THIRD HARMONIC – DOTTED LINES
RF = RL = 5kΩ
RF = RL = 2.5kΩ
Figure 54. Gain of 2 Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com