Electronic Components Datasheet Search
  English  ▼

X  

AD8030AR Datasheet(PDF) 21 Page - Analog Devices

Part # AD8030AR
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8030AR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8030AR Datasheet HTML 16Page - Analog Devices AD8030AR Datasheet HTML 17Page - Analog Devices AD8030AR Datasheet HTML 18Page - Analog Devices AD8030AR Datasheet HTML 19Page - Analog Devices AD8030AR Datasheet HTML 20Page - Analog Devices AD8030AR Datasheet HTML 21Page - Analog Devices AD8030AR Datasheet HTML 22Page - Analog Devices AD8030AR Datasheet HTML 23Page - Analog Devices AD8030AR Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8029/AD8030/AD8040
Rev. B | Page 21 of 24
ORDERING GUIDE
Model1, 2
Minimum
Ordering Quantity
Temperature
Range
Package Description
Package
Option
Branding
AD8029ARZ
98
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8029AR-REEL
2,500
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8029ARZ-REEL
2,500
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8029AR-REEL7
1,000
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8029ARZ-REEL7
1,000
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8029AKSZ-R2
250
–40°C to +125°C
6-Lead SC70
KS-6
H03
AD8029AKSZ-REEL
10,000
–40°C to +125°C
6-Lead SC70
KS-6
H03
AD8029AKSZ-REEL7
3,000
–40°C to +125°C
6-Lead SC70
KS-6
H03
AD8030AR
98
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8030ARZ
98
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8030ARZ-REEL
2,500
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8030ARZ-REEL7
1,000
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8030ARJZ-R2
250
–40°C to +125°C
8-Lead SOT23-8
RJ-8
H7B
AD8030ARJZ-REEL
10,000
–40°C to +125°C
8-Lead SOT23-8
RJ-8
H7B
AD8030ARJZ-REEL7
3,000
–40°C to +125°C
8-Lead SOT23-8
RJ-8
H7B
AD8040ARZ
56
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8040ARZ-REEL
2,500
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8040ARZ-REEL7
1,000
–40°C to +125°C
14-Lead SOIC_N
R-14
AD8040ARUZ
96
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8040ARU-REEL
2,500
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8040ARUZ-REEL
2,500
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8040ARUZ-REEL7
1,000
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8040WARUZ-REEL7
1,000
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8029AR-EBZ
Evaluation Board for AD8029, 8-Lead SOIC_N
AD8029AKS-EBZ
Evaluation Board for AD8029, 6-Lead SC70
AD8030AR-EBZ
Evaluation Board for AD8030, 8-Lead SOIC_N
AD8030ARJ-EBZ
Evaluation Board for AD8030, 8-Lead SOT23-8
AD8040AR-EBZ
Evaluation Board for AD8040, 14-Lead SOIC_N
AD8040ARU-EBZ
Evaluation Board for AD8040, 14-Lead TSSOP
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8040W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com