Electronic Components Datasheet Search
  English  ▼

X  

AD9765ASTZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9765ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9765ASTZ Datasheet HTML 27Page - Analog Devices AD9765ASTZ Datasheet HTML 28Page - Analog Devices AD9765ASTZ Datasheet HTML 29Page - Analog Devices AD9765ASTZ Datasheet HTML 30Page - Analog Devices AD9765ASTZ Datasheet HTML 31Page - Analog Devices AD9765ASTZ Datasheet HTML 32Page - Analog Devices AD9765ASTZ Datasheet HTML 33Page - Analog Devices AD9765ASTZ Datasheet HTML 34Page - Analog Devices AD9765ASTZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 31 of 44
APPLICATIONS INFORMATION
VDSL EXAMPLE APPLICATIONS USING THE
AD9765 AND AD9767
Very high frequency digital subscriber line (VDSL) technology is
growing rapidly in applications requiring data transfer over
relatively short distances. By using quadrature amplitude
modulation (QAM) and transmitting the data in discrete multiple
tones (DMT), high data rates can be achieved.
As with other multitone applications, each VDSL tone is
capable of transmitting a given number of bits, depending on
the signal-to-noise ratio (SNR) in a narrow band around that
tone. For a typical VDSL application, the tones are evenly
spaced over the range of several kHz to 10 MHz. At the high
frequency end of this range, performance is generally limited by
cable characteristics and environmental factors such as external
interferers. Performance at the lower frequencies is much more
dependent on the performance of the components in the signal
chain. In addition to in-band noise, intermodulation from other
tones can also potentially interfere with the data recovery for
a given tone. The two graphs in Figure 79 and Figure 81
represent a 500-tone missing bin test vector, with frequencies
evenly spaced from 400 Hz to 10 MHz. This test is very
commonly done to determine if distortion limits the number of
bits that can be transmitted in a tone. The test vector has a
series of missing tones around 750 kHz, which is represented in
Figure 79, and a series of missing tones around 5 MHz, which is
represented in Figure 81. In both cases, the spurious-free
dynamic range (SFDR) between the transmitted tones and the
empty bins is greater than 60 dB.
–20
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
0.665
0.825
0.805
0.785
0.765
0.745
0.725
0.705
0.685
FREQUENCY (MHz)
Figure 79. AD9765 Notch in Missing Bin at 750 kHz Is Down >60 dB
(Peak Amplitude = 0 dBm)
–20
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
0.665
0.825
0.805
0.785
0.765
0.745
0.725
0.705
0.685
FREQUENCY (MHz)
Figure 80. AD9767 Notch in Missing Bin at 750 kHz Is Down >60 dB
(Peak Amplitude = 0 dBm)
–30
–120
–110
–100
–90
–80
–70
–60
–50
–40
4.85
4.90
4.95
5.00
5.05
5.10
5.15
FREQUENCY (MHz)
Figure 81. AD9765 Notch in Missing Bin at 5 MHz Is Down >60 dB
(Peak Amplitude = 0 dBm)
–20
–120
–100
–80
–60
–40
4.85
4.90
4.95
5.00
5.05
5.10
5.15
FREQUENCY (MHz)
Figure 82. AD9767 Notch in Missing Bin at 5 MHz Is Down >60 dB
(Peak Amplitude = 0 dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com