Electronic Components Datasheet Search
  English  ▼

X  

AD9765ASTZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9765ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9765ASTZ Datasheet HTML 36Page - Analog Devices AD9765ASTZ Datasheet HTML 37Page - Analog Devices AD9765ASTZ Datasheet HTML 38Page - Analog Devices AD9765ASTZ Datasheet HTML 39Page - Analog Devices AD9765ASTZ Datasheet HTML 40Page - Analog Devices AD9765ASTZ Datasheet HTML 41Page - Analog Devices AD9765ASTZ Datasheet HTML 42Page - Analog Devices AD9765ASTZ Datasheet HTML 43Page - Analog Devices AD9765ASTZ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 42 of 44
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BBC
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
0.15
0.05
9.20
9.00 SQ
8.80
7.20
7.00 SQ
6.80
Figure 94. 48-Lead Low Profile Quad Flat Package [LQFP]
(ST-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9763ASTZ
–40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD9763ASTZRL
–40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD9763-EBZ
Evaluation Board
AD9765AST
–40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD9765ASTRL
–40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD9765ASTZ
–40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD9765ASTZRL
–40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD9765-EBZ
Evaluation Board
AD9767ASTZ
–40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD9767ASTZRL
–40°C to +85°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD9767-EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com