Electronic Components Datasheet Search
  English  ▼

X  

AD9765ASTZRL Datasheet(PDF) 33 Page - Analog Devices

Part # AD9765ASTZRL
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZRL Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9765ASTZRL Datasheet HTML 29Page - Analog Devices AD9765ASTZRL Datasheet HTML 30Page - Analog Devices AD9765ASTZRL Datasheet HTML 31Page - Analog Devices AD9765ASTZRL Datasheet HTML 32Page - Analog Devices AD9765ASTZRL Datasheet HTML 33Page - Analog Devices AD9765ASTZRL Datasheet HTML 34Page - Analog Devices AD9765ASTZRL Datasheet HTML 35Page - Analog Devices AD9765ASTZRL Datasheet HTML 36Page - Analog Devices AD9765ASTZRL Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 33 of 44
I and Q digital data can be fed into the AD9763 in two ways. In
dual-port mode, the digital I information drives one input port,
and the digital Q information drives the other input port. If no
interpolation filter precedes the DAC, the symbol rate is the rate
at which the system clock drives the CLK and WRT pins on the
AD9763. In interleaved mode, the digital input stream at Port 1
contains the I and the Q information in alternating digital words.
Using IQSEL and IQRESET, the AD9763 can be synchronized to
the I and Q data streams. The internal timing of the AD9763 routes
the selected I and Q data to the correct DAC output. In interleaved
mode, if no interpolation filter precedes the AD9763, the symbol
rate is half that of the system clock driving the digital data stream
and the IQWRT and IQCLK pins on the AD9763.
CDMA
Code division multiple access (CDMA) is an air transmit/receive
scheme in which the signal in the transmit path is modulated
with a pseudorandom digital code (sometimes referred to as the
spreading code). The effect of this is to spread the transmitted
signal across a wide spectrum. Similar to a discrete multitone
(DMT) waveform, a CDMA waveform containing multiple
subscribers can be characterized as having a high peak to average
ratio (that is, crest factor), thus demanding highly linear
components in the transmit signal path. The bandwidth of the
spectrum is defined by the CDMA standard being used, and in
operation it is implemented by using a spreading code with
particular characteristics.
Distortion in the transmit path can lead to power being transmitted
out of the defined band. The ratio of power transmitted in-band to
out-of-band is often referred to as adjacent channel power (ACP).
This is a regulatory issue due to the possibility of interference with
other signals being transmitted by air. Regulatory bodies define a
spectral mask outside of the transmit band, and the ACP must fall
under this mask. If distortion in the transmit path causes the
ACP to be above the spectral mask, filtering or different
component selection is needed to meet the mask requirements.
Figure 85 shows the results of using the AD9763/AD9765/
AD9767 with the AD8346 to reconstruct a wideband CDMA
signal centered at 2.4 GHz. The baseband signal is sampled at
65 MSPS and has a chip rate of 8 MHz.
cu1
==
–80
–120
–70
–90
–110
–50
–60
–100
–40
CENTER 2.4GHz
–130
–30
C0
c11
FREQUENCY
cu1
C0
c11
SPAN 30MHz
3MHz
Figure 85. CDMA Signal, 8 MHz Chip Rate Sampled at 65 MSPS, Recreated at
2.4 GHz, Adjacent Channel Power >60 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com