Electronic Components Datasheet Search
  English  ▼

X  

AD9765ASTZRL Datasheet(PDF) 27 Page - Analog Devices

Part # AD9765ASTZRL
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZRL Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9765ASTZRL Datasheet HTML 23Page - Analog Devices AD9765ASTZRL Datasheet HTML 24Page - Analog Devices AD9765ASTZRL Datasheet HTML 25Page - Analog Devices AD9765ASTZRL Datasheet HTML 26Page - Analog Devices AD9765ASTZRL Datasheet HTML 27Page - Analog Devices AD9765ASTZRL Datasheet HTML 28Page - Analog Devices AD9765ASTZRL Datasheet HTML 29Page - Analog Devices AD9765ASTZRL Datasheet HTML 30Page - Analog Devices AD9765ASTZRL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 27 of 44
80
70
90
50
40
30
20
10
025
20
15
10
5
IOUTFS
.5
Figure 69. IAVDD vs. IOUTFS
35
30
25
20
15
10
5
0
00
0.4
0.3
0.2
0.1
RATIO (
fOUT/fCLK)
125MSPS
100MSPS
65MSPS
25MSPS
5MSPS
Figure 70. IDVDD vs. Ratio @ DVDD1 = DVDD2 = 5 V
18
16
14
12
10
8
6
4
2
0
00
0.4
0.3
0.2
0.1
RATIO (
fOUT/fCLK)
.5
125MSPS
100MSPS
65MSPS
25MSPS
5MSPS
Figure 71. IDVDD vs. Ratio @ DVDD1 = DVDD2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com