Electronic Components Datasheet Search
  English  ▼

X  

AD9736BBCRL Datasheet(PDF) 45 Page - Analog Devices

Part # AD9736BBCRL
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCRL Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9736BBCRL Datasheet HTML 41Page - Analog Devices AD9736BBCRL Datasheet HTML 42Page - Analog Devices AD9736BBCRL Datasheet HTML 43Page - Analog Devices AD9736BBCRL Datasheet HTML 44Page - Analog Devices AD9736BBCRL Datasheet HTML 45Page - Analog Devices AD9736BBCRL Datasheet HTML 46Page - Analog Devices AD9736BBCRL Datasheet HTML 47Page - Analog Devices AD9736BBCRL Datasheet HTML 48Page - Analog Devices AD9736BBCRL Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 45 of 72
AD973x BIST PROCEDURE
1.
Set RESET pin = 1.
2.
Set input DATA = 0x0000 for signed (0x2000 for
unsigned).
3.
Enable DATACLK_IN if it is not already running.
4.
Run for at least 16 DATACLK_IN cycles.
5.
Set RESET pin = 0.
6.
Run for at least 16 DATACLK_IN cycles.
7.
Set RESET pin = 1.
8.
Run for at least 16 DATACLK_IN cycles.
9.
Set RESET pin = 0.
10.
Set desired operating mode (1× mode and signed data are
default values and expected for the supplied BIST vectors).
11.
Set CLEAR (Reg. 17, Bit 0), SYNC_EN (Reg. 17, Bit 1),
and LVDS_EN (Reg. 17, Bit 2) high.
12.
Wait 50 DATACLK_IN cycles to allow 0s to propagate
through and clear sync signatures.
13.
Set CLEAR low.
14.
Read all signature registers (Reg. 21, Reg. 20, Reg. 19, and
Reg. 18) for each of the four SEL (Reg. 17, Bits 7:6) values
and verify they are all 0x00.
LVDS Phase 1
a.
Reg. 17 set to 0x26 (SEL1 = 0, SEL0 = 0,
SIG_READ = 1, LVDS_EN = 1, SYNC_EN = 1).
b.
Read Reg. 20, Reg. 19, Reg. 18, and Reg. 17.
LVDS Phase 2
a.
Reg. 17 set to 0x66 (SEL1= 0, SEL0 = 1,
SIG_READ = 1, LVDS_EN = 1, SYNC_EN = 1).
b.
Read Reg. 20, Reg. 19, Reg. 18, and Reg. 17.
SYNC Phase 1
a.
Reg. 17 set to 0xA6 (SEL1= 1, SEL0 = 0,
SIG_READ = 1, LVDS_EN = 1, SYNC_EN = 1).
b.
Read Reg. 20, Reg. 19, Reg. 18, and Reg. 17.
SYNC Phase 2
a.
Reg. 17 set to 0xE6 (SEL1= 1, SEL0 = 1,
SIG_READ = 1, LVDS_EN = 1, SYNC_EN = 1).
b.
Read Reg. 20, Reg. 19, Reg. 18, and Reg. 17.
15.
Clock the BIST vector into the AD973x.
16.
After the BIST vector is clocked into the part, hold DATA
= 0x0000 for signed (0x2000 for unsigned); otherwise, the
additional nonzero data changes the signature.
17.
Read all signature registers (Reg. 21, Reg. 20, Reg. 19, and
Reg. 18, as described in Step 14 ) for each of the four SEL
(Reg. 17, Bits 7:6) values, and verify that they match the
expected signatures shown in Table 25.
18.
Flush the BIST circuitry. This must be done once before
valid data can be read. Loop back to Step 11 and rerun the
test to obtain the correct result.
Each time BIST mode is entered, this flush needs to
be performed once. Multiple BIST runs can be performed
without reflushing, as long as the device remains in
BIST mode.
AD973x EXPECTED BIST SIGNATURES
The BIST vectors provided on the AD973x-EB CD are in signed
mode, so no programming is necessary for the part to pass the
BIST. The BIST vector is for 1×, no FIFO, and signed data.
For testing all 14 input bits, use the vector all_bits_unsnew.txt
and verify against the signatures in Table 25.
Table 25. Expected BIST Data Readback for All Bits
LVDS Phase 1
LVDS Phase 2
SYNC Phase 1
SYNC Phase 2
CF71487C
66DF5250
CF71487C
66DF5250
For individual bit tests, use the vectors named bitn.txt (where n
is the desired bit number being tested) and compare them
against the values in Table 26.
Table 26. Expected BIST Data Readback for Individual Bits
Vector
Bit
Number
LVDS Rise
Expected
LVDS Fall
Expected
bit0.txt
0
AABF0A00
2A400500
bit1.txt
1
2BBF0A00
6B400500
bit2.txt
2
29BE0A00
E9400500
bit3.txt
3
2DBC0A00
ED410500
bit4.txt
4
25B80A00
E5430500
bit5.txt
5
35B00A00
F5470500
bit6.txt
6
15A00A00
D54F0500
bit7.txt
7
55800A00
955F0500
bit8.txt
8
D5C00A00
157F0500
bit9.txt
9
D5410A00
153E0500
bit10.txt
10
D5430B00
15BC0500
bit11.txt
11
D5470900
15B80400
bit12.txt
12
D54F0D00
15B00600
bit13.txt
13
D55F0500
15A00200
Note the following for Table 26:
•
The term rise refers to Phase 1 and fall refers to Phase 2.
•
Byte order is Decimal Register Address 21, Address 20,
Address 19, and Address 18.
•
SYNC phase should always equal LVDS phase in 1× mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com