Electronic Components Datasheet Search
  English  ▼

X  

AD9736BBCRL Datasheet(PDF) 46 Page - Analog Devices

Part # AD9736BBCRL
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCRL Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9736BBCRL Datasheet HTML 42Page - Analog Devices AD9736BBCRL Datasheet HTML 43Page - Analog Devices AD9736BBCRL Datasheet HTML 44Page - Analog Devices AD9736BBCRL Datasheet HTML 45Page - Analog Devices AD9736BBCRL Datasheet HTML 46Page - Analog Devices AD9736BBCRL Datasheet HTML 47Page - Analog Devices AD9736BBCRL Datasheet HTML 48Page - Analog Devices AD9736BBCRL Datasheet HTML 49Page - Analog Devices AD9736BBCRL Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 46 of 72
GENERATING EXPECTED SIGNATURES
The following MATLAB code duplicates the internal logic of
the AD973x. To use it, save this code in a file called bist.m.
--- begin bist.m ---
function [ ret1 , ret2] = bist(vec)
ret1 = bist1(vec(1:2:length(vec)-1));
ret2 = bist1(vec(2:2:length(vec)));
function ret = bist1(v)
sum = zeros(1,32);
for i = 1 :length(v)
if v(i) ~= 0
su(1) = ~xor(sum(32) ,bitget(v(i),1));
su(2) = ~xor(sum(1) ,bitget(v(i),2));
su(3) = ~xor(sum(2) ,bitget(v(i),3));
su(4) = ~xor(sum(3) ,bitget(v(i),4));
su(5) = ~xor(sum(4) ,bitget(v(i),5));
su(6) = ~xor(sum(5) ,bitget(v(i),6));
su(7) = ~xor(sum(6) ,bitget(v(i),7));
su(8) = ~xor(sum(7) ,bitget(v(i),8));
su(9) = ~xor(sum(8) ,bitget(v(i),9));
su(10) = ~xor(sum(9) ,bitget(v(i),10));
su(11) = ~xor(sum(10) ,bitget(v(i),11));
su(12) = ~xor(sum(11) ,bitget(v(i),12));
su(13) = ~xor(sum(12) ,bitget(v(i),13));
su(14) = ~xor(sum(13) ,bitget(v(i),14));
su(15) = sum(14); su(16) = sum(15);
su(17) = sum(16); su(18) = sum(17);
su(19) = sum(18); su(20) = sum(19);
su(21) = sum(20); su(22) = sum(21);
su(23) = sum(22); su(24) = sum(23);
su(25) = sum(24); su(26) = sum(25);
su(27) = sum(26); su(28) = sum(27);
su(29) = sum(28); su(30) = sum(29);
su(31) = sum(30); su(32) = sum(31);
sum = su;
end
end % for ret = dec2hex( 2.^[0:31]× sum',8);
--- end bist.m ---
To generate the expected BIST signatures, follow this procedure:
1.
Start MATLAB and type the following at the command
prompt:
t = round(randn(1,100) × 213/8+213) ;
[ b1 b2 ] = bist(t)
The first statement creates a random vector of 14-bit
words, with a length of 100.
2.
Set t equal to any desired vector, or take this random vector
and input it to the AD973x.
3.
Alter the command randn(1,100) to change the vector
length as desired.
4.
Type b1 at the command line to see the calculated
signature for the LVDS BIST, Phase 1.
5.
Type b2 to see the value for LVDS BIST, Phase 2.
The values returned for b1 and b2 each are 32-bit hex values.
They correspond to Reg. 18, Reg. 19, Reg. 20, and Reg. 21,
where b1 is the value read for SEL<1:0> = 0, 0 (see Table 17)
and b2 is the value read for SEL<1:0> = 0, 1.
When the DAC is in 1× mode, the signature at SYNC BIST,
Phase 1 should equal the signature at LVDS BIST, Phase 1. The
same is true for Phase 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com