Electronic Components Datasheet Search
  English  ▼

X  

AD9736BBCZ1 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9736BBCZ1
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ1 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9736BBCZ1 Datasheet HTML 38Page - Analog Devices AD9736BBCZ1 Datasheet HTML 39Page - Analog Devices AD9736BBCZ1 Datasheet HTML 40Page - Analog Devices AD9736BBCZ1 Datasheet HTML 41Page - Analog Devices AD9736BBCZ1 Datasheet HTML 42Page - Analog Devices AD9736BBCZ1 Datasheet HTML 43Page - Analog Devices AD9736BBCZ1 Datasheet HTML 44Page - Analog Devices AD9736BBCZ1 Datasheet HTML 45Page - Analog Devices AD9736BBCZ1 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 42 of 72
SYNC LOGIC AND CONTROLLER
A FIFO structure is utilized to synchronize the data transfer
between the DACCLK and the DATACLK_IN clock domains.
The sync controller writes data from DB<13:0> into an 8-word
memory register based on a cyclic write counter clocked by the
DSS, which is a delayed version of DACCLK_IN. The data is
read out of the memory based on a second cyclic read counter
clocked by DACCLK. The 8-word FIFO shown in Figure 82
provides sufficient margin to maintain proper timing under
most conditions. The sync logic is designed to prevent the read
and write pointers from crossing. If the timing drifts far enough
to require an update of the phase offset (PHOF<1:0>), two
samples are duplicated or dropped. Figure 83 shows the timing
diagram for the sync logic.
8 WORD
MEMORY
READ
COUNTER
PHOF<1:0>
DACCLK
FIFOSTAT<2:0>
DSS
M0
M7
ZD
DAC<13:0>
ADDER
WRITE
COUNTER
FF
DAC<13:0>
Figure 82. Sync Logic Block Diagram
SYNC LOGIC AND CONTROLLER OPERATION
The relationship between the readout pointer and the write
pointer initially is unknown because the startup relationship
between DACCLK and DATACLK_IN is unknown. The sync
logic measures the relative phase between the two counters with
the zero detect block and the flip-flop in Figure 82. The relative
phase is returned in FIFOSTAT<2:0> (Reg. 7, Bits 6:4), and sync
logic errors are indicated by FIFOSTAT<3> (Reg. 7, Bit 7). If
FIFOSTAT<2:0> returns a value of 0 or 7, the memory is
sampling in a critical state (read and write pointers are close to
crossing).
If the FIFOSTAT<2:0> returns a value of 3 or 4, the memory is
sampling at the optimal state (read and write pointers are
farthest apart). If FIFOSTAT<2:0> returns a critical value, the
pointer can be adjusted with the phase offset PHOF<1:0> (Reg.
7, Bits 1:0). Due to the architecture of the FIFO, the phase offset
can only adjust the read pointer in steps of 2.
OPERATION IN MANUAL MODE
To start operating the DAC in manual mode, allow DACCLK
and DATACLK_IN to stabilize, then enable FIFO mode (Reg. 0,
Bit 2). Read FIFOSTAT<2:0> (Reg. 7, Bits 6:4) to determine if
adjustment is needed. For example, if FIFOSTAT<2:0> = 6, the
timing is not yet critical, but it is not optimal.
To return to an optimal state (FIFOSTAT<2:0> = 4), the
PHOF<1:0> (Reg. 7, Bits 1:0) needs to be set to 1. Setting
PHOF<1:0> = 1 effectively increments the read pointer by 2.
This causes the write pointer value to be captured two clocks
later, decreasing FIFOSTAT<2:0> from 6 to 4.
OPERATION IN SURVEILLANCE AND AUTO MODES
Once FIFOSTAT<2:0> is manually placed in an optimal state,
the AD973x sync logic can run in surveillance or auto mode. To
start, turn on surveillance mode by setting SSURV = 1 (Reg. 8,
Bit 7), then enable the sync interrupt (Reg. 1, Bit 2).
If STRH<0> = 0 (Reg. 8, Bit 0), an interrupt occurs if
FIFOSTAT<2:0> = 0 or 7. If STRH<0> = 1 (Reg. 8, Bit 0), an
interrupt occurs if FIFOSTAT<2:0> = 0, 1, 6, or 7. The interrupt
is read at Reg. 1, Bit 6 at the AD973x IRQ pin.
To enter auto mode, complete the preceding steps then set
SAUTO = 1 (Reg. 8, Bit 6). Next, set the sync interrupt = 0
(Reg. 1, Bit 2), to allow the phase offset (PHOF<1:0>) to be
automatically updated if FIFOSTAT<2:0> violates the threshold
value. The FIFOSTAT signal is filtered to improve noise
immunity and reduce unnecessary phase offset updates. The
filter operates with the following algorithm:
FIFOSTAT = FIFOSTAT + ΔFIFOSTAT/2 ^ SFLT<3:0>
where:
0 ≤ SFLT<3:0> ≤ 12
Values greater than 12 are set to 12. If SFLT<3:0> is too small,
clock jitter and noise can cause erratic behavior. Normally, SFLT
can be set to the maximum value.
FIFO BYPASS
When the FIFO_MODE bit (Reg. 1, Bit 2) is set to 0, the FIFO
is bypassed with a mux. When the FIFO is enabled, the pipeline
delay through the AD973x increases by the delta between the
FIFO read pointer and write pointer plus 4 more clock periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com