Electronic Components Datasheet Search
  English  ▼

X  

AD9736BBCZ1 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9736BBCZ1
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ1 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9736BBCZ1 Datasheet HTML 53Page - Analog Devices AD9736BBCZ1 Datasheet HTML 54Page - Analog Devices AD9736BBCZ1 Datasheet HTML 55Page - Analog Devices AD9736BBCZ1 Datasheet HTML 56Page - Analog Devices AD9736BBCZ1 Datasheet HTML 57Page - Analog Devices AD9736BBCZ1 Datasheet HTML 58Page - Analog Devices AD9736BBCZ1 Datasheet HTML 59Page - Analog Devices AD9736BBCZ1 Datasheet HTML 60Page - Analog Devices AD9736BBCZ1 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 57 of 72
AD973X EVALUATION BOARD SCHEMATICS
L1, L3, L4, L5, L6, AND L7
FERRITE BEAD CORE:
PANASONIC EXC–CL3225U1
DIGIKEY PN: P9811CT–ND
VSS
TP5
BLK
33DIG
VSS
TB1
1
TB1
2
L6
FERRITE
TP4
RED
VDD33
LC1210
C14
10
μF
6.3V
ACASE
+
VSSA
TP3
BLK
33ANA
VSSA
TB2
1
TB2
2
L1
FERRITE
TP1
RED
VDDA33
LC1210
C1
10
μF
6.3V
ACASE
+
VSSA
TP11
BLK
18ANA
VSSA
TB2
3
TB2
4
L3
FERRITE
TP9
RED
VDDC
LC1210
C10
10
μF
6.3V
L4
FERRITE
LC1210
ACASE
+
VSS
TP13
BLK
TP6
RED
TP14
BLK
VDD18A
VDD18B
VSS
TP7
RED
C22
10
μF
6.3V
L7
FERRITE
LC1210
L5
FERRITE
LC1210
18DIG
TB1
3
VSS
TB1
4
ACASE
+
C18
10
μF
6.3V
ACASE
+
POWER INPUT FILTERS
VSSA
VSS
UNDER DUT
JP1
Figure 104. Power Supply Input for AD973x Evaluation Board, Rev. F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com