Electronic Components Datasheet Search
  English  ▼

X  

MCP1603B Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1603B
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603B Datasheet(HTML) 3 Page - Microchip Technology

  MCP1603B Datasheet HTML 1Page - Microchip Technology MCP1603B Datasheet HTML 2Page - Microchip Technology MCP1603B Datasheet HTML 3Page - Microchip Technology MCP1603B Datasheet HTML 4Page - Microchip Technology MCP1603B Datasheet HTML 5Page - Microchip Technology MCP1603B Datasheet HTML 6Page - Microchip Technology MCP1603B Datasheet HTML 7Page - Microchip Technology MCP1603B Datasheet HTML 8Page - Microchip Technology MCP1603B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2007-2012 Microchip Technology Inc.
DS22042B-page 3
MCP1603/B/L
Functional Block Diagram
ILIMPWM
ILIMPFM
IPEAKPWM
IPEAKPFM
VIN
SHDN
VFB /VOUT
GND
LX
Band
Gap
UVLO
Switch Drive
UVLO
VREF
Logic and Timing
S
RQ
Q
Soft Start
VREF
PWM/PFM
Logic
VREF
Slope
Comp.
OSC
-IPK Limit
UVLO
Thermal
Shutdown
TSD
EA
POFF
NOFF
PWM/PFM - PWM ONLY
TSD
PFM Error Amp
PWM Error Amp
OV Threshold
UV Threshold
IPK Limit
-ILPK
IPEAKPWM
IPEAKPFM
Disable
Switcher
-ILPK
PWM-ONLY
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com