Electronic Components Datasheet Search
  English  ▼

X  

PE44185 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44185
Description  RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44185 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44185 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44185 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44185 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196 PE44185
URL: http://www.pasternack.com/sma-male-reverse-thread-rg178-rg196-connector-pe44185-p.aspx
RT SMA Male Connector Crimp/Solder
Attachment For RG178, RG196
PE44185
PE44185 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com