Electronic Components Datasheet Search
  English  ▼

X  

PE44185 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44185
Description  RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44185 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44185 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44185 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44185 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
SMA Male Reverse Thread
Connector Specification
MIL-C-39012
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.12 [28.45]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Thread
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196 PE44185
PE44185
PE44185 REV
RT SMA Male Connector Crimp/Solder
Attachment For RG178, RG196


Similar Part No. - PE44185

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
377Kb / 3P
SMA Female Connector Solder Attachment
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE44181 PASTERNACK-PE44181 Datasheet
256Kb / 2P
75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE44185

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4325 PASTERNACK-PE4325 Datasheet
283Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE4213 PASTERNACK-PE4213 Datasheet
103Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
PE44189 PASTERNACK-PE44189 Datasheet
252Kb / 2P
RT SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4296 PASTERNACK-PE4296 Datasheet
289Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4643 PASTERNACK-PE4643 Datasheet
291Kb / 3P
BNC Male Connector Crimp - Solder Attachment For RG178, RG196
PE4398 PASTERNACK-PE4398 Datasheet
401Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE44193 PASTERNACK-PE44193 Datasheet
220Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com