Electronic Components Datasheet Search
  English  ▼

X  

ADR421AR Datasheet(PDF) 10 Page - Analog Devices

Part # ADR421AR
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421AR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR421AR Datasheet HTML 6Page - Analog Devices ADR421AR Datasheet HTML 7Page - Analog Devices ADR421AR Datasheet HTML 8Page - Analog Devices ADR421AR Datasheet HTML 9Page - Analog Devices ADR421AR Datasheet HTML 10Page - Analog Devices ADR421AR Datasheet HTML 11Page - Analog Devices ADR421AR Datasheet HTML 12Page - Analog Devices ADR421AR Datasheet HTML 13Page - Analog Devices ADR421AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 10 of 24
4
6
8
10
12
15
14
INPUT VOLTAGE (V)
0.55
0.50
0.45
0.40
0.35
0.30
0.25
+125°C
+25°C
–40°C
Figure 9. ADR423 Supply Current vs. Input Voltage
6
8
10
12
15
14
INPUT VOLTAGE (V)
0.55
0.50
0.45
0.40
0.35
0.30
0.25
+125°C
+25°C
–40°C
Figure 10. ADR425 Supply Current vs. Input Voltage
–40
–10
20
50
80
110
125
TEMPERATURE (°C)
70
50
60
40
30
20
10
0
IL = 0mA TO 5mA
VIN = 4.5V
VIN = 6V
Figure 11. ADR420 Load Regulation vs. Temperature
–40
–10
20
50
80
110
125
TEMPERATURE (°C)
70
50
60
40
30
20
10
0
IL = 0mA TO 5mA
VIN = 6.5V
VIN = 5V
Figure 12. ADR421 Load Regulation vs. Temperature
–40
–10
20
50
80
110 125
TEMPERATURE (°C)
70
50
60
40
30
20
10
0
IL = 0mA TO 10mA
VIN = 15V
VIN = 7V
Figure 13. ADR423 Load Regulation vs. Temperature
–40
–10
20
50
80
110 125
TEMPERATURE (°C)
35
25
30
20
15
10
5
0
VIN = 15V
IL = 0mA TO 10mA
Figure 14. ADR425 Load Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com