Electronic Components Datasheet Search
  English  ▼

X  

ADR421AR Datasheet(PDF) 13 Page - Analog Devices

Part # ADR421AR
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421AR Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR421AR Datasheet HTML 9Page - Analog Devices ADR421AR Datasheet HTML 10Page - Analog Devices ADR421AR Datasheet HTML 11Page - Analog Devices ADR421AR Datasheet HTML 12Page - Analog Devices ADR421AR Datasheet HTML 13Page - Analog Devices ADR421AR Datasheet HTML 14Page - Analog Devices ADR421AR Datasheet HTML 15Page - Analog Devices ADR421AR Datasheet HTML 16Page - Analog Devices ADR421AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 13 of 24
TIME (100µs/DIV)
500mV/DIV
LINE INTERRUPTION
500mV/DIV
CBYPASS = 0µF
VIN
VOUT
Figure 27. ADR421 Line Transient Response, no CBYPASS
TIME (100µs/DIV)
500mV/DIV
LINE INTERRUPTION
500mV/DIV
CBYPASS = 0.1µF
VIN
VOUT
Figure 28. ADR421 Line Transient Response, CBYPASS = 0.1 μF
TIME (100µs/DIV)
2V/DIV
1V/DIV
CL = 0µF
LOAD ON
LOAD OFF
VOUT
1mA LOAD
Figure 29. ADR421 Load Transient Response, no CL
TIME (100µs/DIV)
2V/DIV
1V/DIV
CL = 100nF
LOAD ON
LOAD OFF
VOUT
1mA LOAD
Figure 30. ADR421 Load Transient Response, CL = 100 nF
TIME (4µs/DIV)
2V/DIV
VIN
2V/DIV
VOUT
CIN = 0.01µF
NO LOAD
Figure 31. ADR421 Turn-Off Response
TIME (4µs/DIV)
2V/DIV
2V/DIV
CIN = 0.01µF
NO LOAD
VIN
VOUT
Figure 32. ADR421 Turn-On Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com