Electronic Components Datasheet Search
  English  ▼

X  

TC1054 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1054
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1054 Datasheet(HTML) 1 Page - Microchip Technology

  TC1054_12 Datasheet HTML 1Page - Microchip Technology TC1054_12 Datasheet HTML 2Page - Microchip Technology TC1054_12 Datasheet HTML 3Page - Microchip Technology TC1054_12 Datasheet HTML 4Page - Microchip Technology TC1054_12 Datasheet HTML 5Page - Microchip Technology TC1054_12 Datasheet HTML 6Page - Microchip Technology TC1054_12 Datasheet HTML 7Page - Microchip Technology TC1054_12 Datasheet HTML 8Page - Microchip Technology TC1054_12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21350E-page 1
TC1054/TC1055/TC1186
Features
• Low Ground Current for Longer Battery Life
• Low Dropout Voltage
• Choice of 50 mA (TC1054), 100 mA (TC1055)
and 150 mA (TC1186) Output
• High Output Voltage Accuracy
• Standard or Custom Output Voltages:
- 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V,
3.3V, 3.6V, 4.0V, 5.0V
• Power-Saving Shutdown Mode
• ERROR Output Can Be Used as a Low-Battery
Detector or Microcontroller-Reset Generator
• Overcurrent and Overtemperature Protection
• 5-Pin SOT-23 Package
• Pin-Compatible Upgrades for Bipolar Regulators
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Typical Application
General Description
The TC1054, TC1055 and TC1186 are high accuracy
(typically ±0.5%) CMOS upgrades for older (bipolar)
low dropout regulators. Designed specifically for
battery-operated
systems,
the
devices’
CMOS
construction minimizes ground current, extending
battery life. Total supply current is typically 50 µA at full
load (20 to 60 times lower than in bipolar regulators).
The devices’ key features include low noise operation,
low dropout voltage – typically 85 mV (TC1054),
180 mV (TC1055) and 270 mV (TC1186) at full load —
and fast response to step changes in load. An error
output (ERROR) is asserted when the devices are
out-of-regulation (due to a low input voltage or
excessive output current). ERROR can be used as a
low battery warning or as a processor RESET signal
(with the addition of an external RC network). Supply
current is reduced to 0.5 µA (maximum), with both
VOUT and ERROR disabled when the shutdown input is
low. The devices incorporate both overtemperature
and over-current protection.
The TC1054, TC1055 and TC1186 are stable with an
output capacitor of only 1 µF, and have a maximum
output current of 50 mA, 100 mA and 150 mA,
respectively. For higher output current regulators,
please refer to the TC1173 (IOUT = 300 mA) data sheet
(DS21632).
Package Type
VOUT
GND
1µF
+
VIN
VIN
VOUT
1
5
2
4
3
SHDN
Shutdown Control
(from Power Control Logic)
ERROR
ERROR
1M
TC1054
TC1055
TC1186
Note:
5-Pin SOT-23 is equivalent to the EIAJ (SC-74A)
5
1
4
23
5-Pin SOT-23
TC1054
TC1055
TC1186
VOUT
ERROR
SHDN
GND
VIN
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output


Similar Part No. - TC1054_12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1054-1.8VCT MICROCHIP-TC1054-1.8VCT Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1054-1.8VCT713 MICROCHIP-TC1054-1.8VCT713 Datasheet
389Kb / 18P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
More results

Similar Description - TC1054_12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com